Electronic Components Datasheet Search
  English  ▼

X  

S9014 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # S9014
Description  Low Level & Low Noise
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S9014 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  S9014 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S9014 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
S9014
NPN Silicon
Pre-Amplifier, Low Level & Low Noise
DEVICE MARKING: S9014 =J6
Power dissipation
PCM : 0.2 W
Collector Current
ICM : 0.1 A
Collector-base voltage
FEATURES
Collector
3
1
Base
2
Emitter
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
http://www.SeCoSGmbH.com
Elektronische Bauelemente
1
2
ELECTRICAL CHARACTERISTICS ( Tamp.=25OC unless otherwise specified)
V(BR)CBO : 50 V
Operating & storage junction temperature
Tj, Tstg : - 55OC ~ + 150OC
3
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= 100μA, IE=0
50
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= 0.1mA, IB=0
45
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA, IC=0
5
V
Collector cut-off current
ICBO
VCB=50 V , IE=0
0.1
μ
A
Collector cut-off current
ICEO
VCE=35V , IB=0
0.1
μ
A
Emitter cut-off current
IEBO
VEB= 3V ,
IC=0
0.1
μ
A
DC current gain
hFE
VCE=5V, IC= 1mA
200
1000
Collector-emitter saturation voltage
VCE(sat)
IC=100 mA, IB= 5mA
0.3
V
Base-emitter saturation voltage
VBE(sat)
IC=100 mA, IB= 5mA
1
V
Transition frequency
fT
VCE=5V, IC= 10mA
f=30MHz
150
MHz
CLASSIFICATION OF hFE(1)
Rank
L
H
Range
200-450
450-1000
01-Jun-2004 Rev. B
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - S9014

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
S9014 FAIRCHILD-S9014 Datasheet
38Kb / 4P
Pre-Amplifier, Low Level & Low Noise
logo
AUK corp
S9014 AUK-S9014 Datasheet
92Kb / 3P
NPN Silicon Transistor
logo
List of Unclassifed Man...
S9014 ETC-S9014 Datasheet
1Mb / 2P
SOT-23 Plastic-Encapsulate Transistors
logo
Weitron Technology
S9014 WEITRON-S9014 Datasheet
788Kb / 4P
NPN General Purpose Transistors
logo
Galaxy Semi-Conductor H...
S9014 BILIN-S9014 Datasheet
183Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
More results

Similar Description - S9014

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N930 STMICROELECTRONICS-2N930 Datasheet
40Kb / 2P
LOW-LEVEL, LOW-NOISE AMPLFIERS
logo
Fairchild Semiconductor
FTSO4248 FAIRCHILD-FTSO4248 Datasheet
428Kb / 12P
PNP Low Level Low Noise Amplifiers
SS9014 FAIRCHILD-SS9014 Datasheet
38Kb / 4P
Pre-Amplifier, Low Level & Low Noise
logo
List of Unclassifed Man...
2SC9014 ETC-2SC9014 Datasheet
75Kb / 2P
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
Unisonic Technologies
9014 UTC-9014_2 Datasheet
107Kb / 2P
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
MMBT9014 UTC-MMBT9014_11 Datasheet
130Kb / 3P
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
9015_1106 UTC-9015_1106 Datasheet
74Kb / 2P
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
SeCoS Halbleitertechnol...
S9014 SECOS-S9014_15 Datasheet
259Kb / 2P
Pre-Amplifier, Low Level & Low Noise
logo
Unisonic Technologies
MMBT9015 UTC-MMBT9015_15 Datasheet
116Kb / 3P
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
ARTSCHIP ELECTRONICS CO...
MMBT9014 ARTSCHIP-MMBT9014 Datasheet
965Kb / 4P
PRE-AMPLIFIER, LOW LEVEL, LOW NOISE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com