Electronic Components Datasheet Search
  English  ▼

X  

IP35063 Datasheet(PDF) 5 Page - Seme LAB

Part # IP35063
Description  DC-DC CONVERTER CONTROL CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP35063 Datasheet(HTML) 5 Page - Seme LAB

  IP35063 Datasheet HTML 1Page - Seme LAB IP35063 Datasheet HTML 2Page - Seme LAB IP35063 Datasheet HTML 3Page - Seme LAB IP35063 Datasheet HTML 4Page - Seme LAB IP35063 Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
IP35063
IP33063
IP34063
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 2/95
TYPICAL PERFORMANCE CHARACTERISTICS
0.5
0.2
5
25 0
1 0 0
20
11 0
0.1
50
100
20
5
10
1
2
500
10 00
200
OSCILLATOR TIMING CAPACITOR (nF)
C
T
V
= 5V
CC
pk(sense)
I
= V
CC
Pin 5 = Gnd
t
on
t
off
Output Switch On–Off Time
vs Oscillator Timing Capacitor
Standby Supply Current
vs Supply Voltage
40
0
0
3.2
2.4
1.6
0.8
5
10
25
30
35
15
20
SUPPLY VOLTAGE (V)
V
CC
Pin 2 = Gnd
pk(sense)
I
= V
CC
C
= 0.001
µF
T
1.2
1.3
1.5
1.4
1.6
1.1
1.0
0
0.2
0 .4
0.6
0 .8
1.0
1 .2
1.4
EMITTER CURRENT (A)
I
E
V
= 5V
CC
Pin 3,5 = Gnd
Pin 1,7,8 = V
CC
Emitter–Follower Configuration
Output Switch Saturation Voltage
vs Emitter Current
Common–Emitter Configuration
Output Switch Saturation Voltage
vs Collector Current
COLLECTOR CURRENT (A)
I
C
0.4
0.6
1.0
0.8
1.2
0.2
0
0
0 .2
0.4
0 .6
0.8
1 .0
1.2
1 .4
V
= 5V
CC
Pin 2,3,5 = G nd
Pin 7 = V
CC
DARLINGTON CONNECTION
F ORCED
β = 20



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com