Electronic Components Datasheet Search
  English  ▼

X  

HIP4086AB Datasheet(PDF) 10 Page - Intersil Corporation

Part # HIP4086AB
Description  80V, 500mA, 3-Phase MOSFET Driver 1.25A peak turn-off current
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4086AB Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HIP4086AB Datasheet HTML 6Page - Intersil Corporation HIP4086AB Datasheet HTML 7Page - Intersil Corporation HIP4086AB Datasheet HTML 8Page - Intersil Corporation HIP4086AB Datasheet HTML 9Page - Intersil Corporation HIP4086AB Datasheet HTML 10Page - Intersil Corporation HIP4086AB Datasheet HTML 11Page - Intersil Corporation HIP4086AB Datasheet HTML 12Page - Intersil Corporation HIP4086AB Datasheet HTML 13Page - Intersil Corporation HIP4086AB Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
HIP4086, HIP4086A
10
FN4220.7
June 1, 2011
Functional Description
Input Logic
NOTE: When appropriate for brevity, input and output pins will be
prefixed with an “x” as a substitute for A, B, or C. For example,
xHS refers to pins AHS, BHS, and CHS.
The HIP4086/A is a three phase bridge driver designed
specifically for motor drive applications. Three identical half
bridge sections, A, B, and C, can be controlled individually by
their input pins, ALI, AHI, BLI, BHI, and CLI, CHI (xLI, xHI) or the 2
corresponding input pins for each section can be tied together to
form a PWM input (xLI connected to xHI = xPWM). When
controlling individual inputs, the programmable dead time is
optional but shoot-thru protection must then be incorporated in
the timing of the input signals. If the PWM mode is chosen, then
the internal programmable dead time must be used.
Shoot-Thru Protection
Dead time, to prevent shoot-thru, is implemented by delaying the
turn-on of the high-side and low-side drivers. The delay timers are
enabled if the voltage on the RDEL pin is greater than 100mV.
The voltage on RDEL will be greater than 100mV for any value of
programming resistor in the specified range. If the voltage on
RDEL is less than 100mV, the delay timers are disabled and no
shoot-thru protection is provided by the internal logic of the
HIP4086/A. When the dead time is to be disabled, RDEL should
be shorted to VSS.
Refresh Pulse
To insure that the boot capacitors are charged prior to turning on
the high-side drivers, a refresh pulse is triggered when DIS is low
or when the UV comparator transitions low (VDD is greater than
the programmed undervoltage threshold). Please refer to the
“Block Diagram (for clarity, only one phase is shown)” on page 2.
When triggered, the refresh pulse turns on all of the low-side
drivers (xLO = 1) and turns off all of the high-side drivers
(xHO = 0) for a duration set by a resistor tied between RDEL and
VSS. When xLO = 1, the low-side bridge FETs charge the boot
caps from VDD through the boot diodes.
FIGURE 18. DEAD TIME
FIGURE 19. UNDERVOLTAGE THRESHOLD
FIGURE 20. IxHS LEAKAGE CURRENT
Typical Performance Curves (Continued)
JUNCTION TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100 120 140
160
0
2
4
6
RDEL = 100k
Ω
RDEL = 10k
Ω
JUNCTION TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100 120 140 160
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
ENABLE (50k, UVLO TO GND)
TRIP (50k, UVLO TO GND)
ENABLE (UVLO OPEN)
TRIP (UVLO OPEN)
TRIP/ENABLE (0k, UVLO TO VDD)
JUNCTION TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100 120 140 160
10
15
20
25
VxHS = 80V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com