Electronic Components Datasheet Search
  English  ▼

X  

IP33063N Datasheet(PDF) 4 Page - Seme LAB

Part # IP33063N
Description  DC-DC CONVERTER CONTROL CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP33063N Datasheet(HTML) 4 Page - Seme LAB

  IP33063N Datasheet HTML 1Page - Seme LAB IP33063N Datasheet HTML 2Page - Seme LAB IP33063N Datasheet HTML 3Page - Seme LAB IP33063N Datasheet HTML 4Page - Seme LAB IP33063N Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IP35063
IP33063
IP34063
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 2/95
APPLICATIONS INFORMATION
1.25 V
REFERENCE
REGULATOR
COMPARATOR
OSCILLATOR
S
R
Q
8
7
6
5
1
2
3
4
Q1
Q2
170
Ω
1.25 V
REFERENCE
REGULATOR
COMPARATOR
OSCILLATOR
S
R
Q
8
7
6
5
1
2
3
4
Q1
Q2
170
Ω
Ipk
VCC
R1
2. 2K
R2
47 K
28 V
175 m A
VOUT
1500
µF
100
µF
0.22
Ω
12 V
VIN
18 0
Ω
L 170
µH
1N5819
R SC
C O
15 00 pF
C T
C T
R1
1.2K
R2
3.3K
470pF
C T
100
µF
0.33
Ω
L
220
µH
1N5822
Ipk
Q1
Q2
VCC
5.0V
500mA
VOUT
25V
VIN
470
µF
C O
R SC
C T
Step–Down Converter
Step–Up Converter
1.25 V
REFERENCE
REGULATOR
COMPARATOR
OSCILLATOR
S
R
Q
8
7
6
5
1
2
3
4
Q1
Q2
170
Ω
1.25 V
REFERENCE
REGULATOR
COMPARATOR
OSCILLATOR
S
R
Q
8
7
6
5
1
2
3
4
Q1
Q2
170
Ω
VIN
R SC
VOUT
VIN
R SC
VOUT
Step–Down, External NPN Switch
Step–Up, External NPN Switch
1.2 5 V
REF ERENCE
RE G UL AT O R
CO M PARATO R
O S CILLA TO R
S
R
Q
Q1
Q2
170
Ω
8
7
6
5
1
2
3
4
1 .25 V
REF ERENCE
RE G UL ATO R
CO M PARATO R
OSCILL AT OR
S
R
Q
Q1
Q2
170
Ω
8
7
6
5
1
2
3
4
VIN
R SC
V OU T
V IN
RSC
VOUT
R – 0 F O R
C O NS TA NT V IN
Step–Down, External PNP Saturated Switch
Step–Up, External NPN Saturated Switch
External Current Boost Connections for IC > 1.5A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com