Electronic Components Datasheet Search
  English  ▼

X  

S2040 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # S2040
Description  Silicon Power Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

S2040 Datasheet(HTML) 1 Page - Microsemi Corporation

  S2040 Datasheet HTML 1Page - Microsemi Corporation S2040 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - S2040

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S2040 MICROSEMI-S2040 Datasheet
112Kb / 3P
Silicon Power Rectifier
S2040 MICROSEMI-S2040 Datasheet
148Kb / 2P
SILICON POWER RECTIFIER
logo
Teccor Electronics
S2040N TECCOR-S2040N Datasheet
222Kb / 12P
SCRs
logo
Littelfuse
S2040N LITTELFUSE-S2040N Datasheet
212Kb / 12P
SCRs (1 A to 70 A)
S2040N LITTELFUSE-S2040N Datasheet
218Kb / 12P
RoHS Compliant, Electrically-isolated package
More results

Similar Description - S2040

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S20 MICROSEMI-S20 Datasheet
112Kb / 3P
Silicon Power Rectifier
S25 MICROSEMI-S25 Datasheet
120Kb / 2P
Silicon Power Rectifier
S306 MICROSEMI-S306 Datasheet
119Kb / 2P
Silicon Power Rectifier
S35 MICROSEMI-S35 Datasheet
119Kb / 3P
Silicon Power Rectifier
S50PF MICROSEMI-S50PF Datasheet
110Kb / 3P
Silicon Power Rectifier
1N4136 MICROSEMI-1N4136 Datasheet
136Kb / 2P
SILICON POWER RECTIFIER
1N250B MICROSEMI-1N250B Datasheet
162Kb / 3P
SILICON POWER RECTIFIER
S-R35 MICROSEMI-S-R35 Datasheet
148Kb / 2P
Silicon Power Rectifier
S304 MICROSEMI-S304_07 Datasheet
160Kb / 3P
Silicon Power Rectifier
logo
New Jersey Semi-Conduct...
1N3889A NJSEMI-1N3889A Datasheet
88Kb / 1P
SILICON POWER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com