Electronic Components Datasheet Search
  English  ▼

X  

MSMLJ43A Datasheet(PDF) 4 Page - Microsemi Corporation

Part # MSMLJ43A
Description  SURFACE MOUNT 3000 Watt Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSMLJ43A Datasheet(HTML) 4 Page - Microsemi Corporation

  MSMLJ43A Datasheet HTML 1Page - Microsemi Corporation MSMLJ43A Datasheet HTML 2Page - Microsemi Corporation MSMLJ43A Datasheet HTML 3Page - Microsemi Corporation MSMLJ43A Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TECHNICAL DATA SHEET
Gort Road Business Park, Ennis, Co. Clare, Ireland.
6 Lake Street, Lawrence, MA 01841
Tel: +353 (0) 65 6840044, Fax: +353 (0) 65 6822298
Tel: 1-800-446-1158 / (978) 794-1666, Fax: (978) 6890803
Website: http://www.microsemi.com
___________________________________________________________________________________________________________________________________
RF01003 Rev A, June 2010
High Reliability Product Group
Page 4 of 4
GRAPHS
FIGURE 2
– Pulse waveform
(Waveform
– See Figure 2)
Non-repetitive
1
s
10
sec
100
sec
1ms
10ms
TL Lead Temperature
oC
FIGURE 3
– Derating Curve
BV: Breakdown Voltage in Volts
FIGURE 4 Typical Capacitance vs. Breakdown
tp
– Pulse Time – sec
FIGURE 1
– Peak Pulse Power vs. Pulse Time
0
1.0
10
100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com