Electronic Components Datasheet Search
  English  ▼

X  

SCS222PT Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS222PT
Description  Surface Mount Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS222PT Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS222PT Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS222PT Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS222NT & SCS222PT
Dual Series Chip
Surface Mount Switching Diode
01-June-2004 Rev. B
Page 1 of 2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Four types of packaging are available
High speed. (trr=1.5ns Typ.)
Suitable for high packing density layout
High reliability.
SCS222NT MARKING:
N
3
C AT HODE
ANODE
1
2
ANODE
SCS222NT
SCS222PT MARKING:
P
ANODE
3
CAT HODE
1
2
CAT HODE
SCS222PT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Single diode, rating 25
°C ambient temperature unless otherwise specified)
TYPE NUMBER
SYMBOL
VALUES
UNITS
Peak Reverse Voltage
DC Reverse Voltage
VRM
VR
80
V
Forward Continuous Current
IFM
300
mA
Average Forward Current
IO
100
mA
Power Dissipation
PD
150
mW
Junction & Storage Temperature
TJ, TSTG
150, -55~150
℃
ELECTRICAL CHARACTERISTICS
(Rating 25
°C ambient temperature unless otherwise specified)
PARAMETERS
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
Reverse Breakdown Voltage
V(BR)
IR= 100µA
80
V
Reverse Voltage Leakage Current
IR
VR=70V
-
0.1
uA
Forward Voltage
VF
IF=100mA
-
1.2
V
Diode Capacitance
CD
VR=0, f=1MHz
-
3.5
pF
Reveres Recovery Time
trr
VR= 6V, IF=IR=5 mA
-
4
nS
S
G
D
B
L
A
1
3
2
Top View
H
C
J
K
Dim
Min
Max
A
1.50
1.70
B
0.78
0.82
C
0.80
0.82
D
0.28
0.32
G
0.90
1.10
H
0.00
0.10
J
0.10
0.20
K
0.35
0.41
L
0.49
0.51
S
1.50
1.70
All Dimension in mm
SOT-523
1.
2.
3.


Similar Part No. - SCS222PT

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS222DSTL SECOS-SCS222DSTL Datasheet
252Kb / 2P
0.1A , 80V Plastic-Encapsulated Switching Diode
SCS222DSTL-C SECOS-SCS222DSTL-C Datasheet
252Kb / 2P
Plastic-Encapsulated Switching Diode
SCS222DSTL SECOS-SCS222DSTL_15 Datasheet
252Kb / 2P
Plastic-Encapsulated Switching Diode
SCS222NT SECOS-SCS222NT_15 Datasheet
331Kb / 2P
Surface Mount Switching Diode
More results

Similar Description - SCS222PT

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com