Electronic Components Datasheet Search
  English  ▼

X  

SCS372F Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS372F
Description  Small Signal Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS372F Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS372F Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS372F Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS372F
VOLTAGE 15 V, 100 mA
Small Signal Schottky Barrier Diode
18-Nov-2009 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
♦
Small Package
♦
Low Forward Voltage: VF =0.23V(Typ.) @ IF =5mA
MARKING: N9
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
°C ambient temperature unless otherwise specified.
TYPE NUMBER
SYMBOL
VALUE
UNIT
Peak Reverse Voltage
VRM
15
V
DC Reverse Voltage
VR
10
V
Peak Forward Current
IFM
200
mA
Mean Rectifying Current
IO
100
mA
Surge Current (10ms)
IFSM
1
A
Power Dissipation
PD
100
mW
Junction & Storage Temperature
TJ,TSTG
125, -55~125
°C
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
°C ambient temperature unless otherwise specified.
PARAMETER
SYMBOL
TYP
MAX
UNIT
TEST CONDITION
0.18
V
IF=1mA
0.3
V
IF=5mA
Forward Voltage
VF
0.5
V
IF=100mA
Reverse Voltage Leakage Current
IR
20
µA
VR=10V
Capacitance between Terminals
CT
40
pF
VR=0, f=1MHz
SOT-323
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.80
2.20
G
0.100 REF.
B
1.80
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.25
D
0.80
1.10
K
-
-
E
1.20
1.40
L
0.650 TYP.
F
0.20
0.40
2
C
1
A
C.A
3


Similar Part No. - SCS372F

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS372F SECOS-SCS372F_15 Datasheet
261Kb / 2P
Small Signal Schottky Barrier Diode
More results

Similar Description - SCS372F

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
RB551V-40S2 CYSTEKEC-RB551V-40S2 Datasheet
137Kb / 4P
Small Signal Schottky Barrier diode
logo
SeCoS Halbleitertechnol...
SCS420SDF SECOS-SCS420SDF Datasheet
403Kb / 2P
Small Signal Schottky Barrier Diode
SCS421SDF SECOS-SCS421SDF Datasheet
317Kb / 2P
Small Signal Schottky Barrier Diode
SCS521G SECOS-SCS521G Datasheet
220Kb / 2P
Small Signal Schottky Barrier Diode
SCS402SDF SECOS-SCS402SDF_15 Datasheet
308Kb / 2P
Small Signal Schottky Barrier Diode
SCS411SDF SECOS-SCS411SDF_15 Datasheet
184Kb / 2P
Small Signal Schottky Barrier Diode
SCS420SDF SECOS-SCS420SDF_15 Datasheet
403Kb / 2P
Small Signal Schottky Barrier Diode
SCS421SDF SECOS-SCS421SDF_15 Datasheet
317Kb / 2P
Small Signal Schottky Barrier Diode
SCS521G SECOS-SCS521G_15 Datasheet
220Kb / 2P
Small Signal Schottky Barrier Diode
SCS705F SECOS-SCS705F_15 Datasheet
405Kb / 2P
Small Signal Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com