Electronic Components Datasheet Search
  English  ▼

X  

SDM30002S Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SDM30002S
Description  Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SDM30002S Datasheet(HTML) 1 Page - Microsemi Corporation

  SDM30002S Datasheet HTML 1Page - Microsemi Corporation SDM30002S Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VRRM 200-1600 Volts
300 Amp Current Rating
Low Profile
Non-Isolated Baseplate
Glass Passivated Die
Compact Package
ROHS Compliant
Catalog Number
800V
600V
400V
200V
Reverse Voltage
Repetitive Peak
Electrical Characteristics
F(AV) 300 Amps
FSM 5500 Amps
FM 1.1 Volts
RM 75 uA
I
I
V
I
T
V
I
T
T
T
Thermal and Mechanical Characteristics
Storage temp range
Operating junction temp range
Terminal Torque
T
T
O
O
R
R
1000V
1200V
Mounting Base Torque
Case to sink
Typical Weight
Dim. Inches
Millimeters
A
B
C
D
F
G
H
K
L
M
A
D
K
M
C
F
G
Min.
Max.
Min.
Max. Notes
---
1.240
---
0.320
0.630
0.610
---
0.182
1.260
.925
0.340
---
0.640
.100
0.192
---
31.49
---
8.13
16.00
15.49
---
4.62
32.00
23.49
8.64
---
16.26
2.54
4.88
Dia.
SDM300
Silicon Power Rectifier
B
H
H
L
2.650
5/16-18 UNC
2.00 BSC
67.31
50.80 BSC
Microsemi
Average forward current
Maximum surge current
Max peak forward voltage
Max peak reverse current
Max thermal resistance
Typical thermal resistance (greased)
-55°C to 175°C
STG
J
-55°C to 175°C
JC
CS
0.15°C/W
0.04°C/W
Junction to case
8.3 ms, half sine,
J = 175°C
RRM,
J = 25°C
R
60-75 inch pounds
30-40 inch pounds
4.93 ounces (140 grams) typical
C = 130°C, half sine,
0JC = 0.15°C/W
*Pulse test: Pulse width 8.33µsec, Duty cycle <1%
SDM30002*
SDM30004*
SDM30006*
SDM30008*
SDM30010*
SDM30012*
FM = 300A: J = 25°C*
1200V
1000V
Working Peak
Reverse Voltage
200V
400V
600V
800V
Max I t for fusing
I t 125990 A s
2
2
RRM,
J = 150°C
Max peak reverse current
*
T
V
I RM 10 mA
2
*Change S to R for Reverse Polarity
Standard Polarity:
Base plate is cathode
Reverse Polarity:
Base plate is anode
SDM30014*
1400V
1400V
1600V
1600V
SDM30016*
January, 2010 - Rev. 3
www.microsemi.com


Similar Part No. - SDM30002S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SDM30002 MICROSEMI-SDM30002 Datasheet
110Kb / 3P
Silicon Power Rectifier
SDM30002 MICROSEMI-SDM30002 Datasheet
131Kb / 2P
SILICON POWER RECTIFIER
More results

Similar Description - SDM30002S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com