Electronic Components Datasheet Search
  English  ▼

X  

SCS715T Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS715T
Description  30 mA, 40 V Small Signal Schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS715T Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS715T Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS715T Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS715T
30 mA, 40 V
Small Signal Schottky Diode
17-Nov-2009 Rev. A
Page 1 of 2
Top View
A
L
M
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURE
♦
Extra Small Power Mold Type.
♦
Low VF
♦
High Reliability
MARKING: 3D
ABSOLUTE MAXIMUM RATINGS at TA = 25°C
PARAMETER
SYMBOL
RATINGS
UNIT
Peak Reverse Voltage
VRM
40
V
DC Reverse Voltage
VR
40
V
Peak Forward Surge Current
IFM
200
mA
Average Forward Current
IO
30
mA
Power Dissipation
PD
150
mW
Junction, Storage Temperature
TJ, TSTG
125, -50~125
°C
ELECTRICAL CHARACTERISTICS (at T
A = 25°C unless otherwise specified)
PARAMETERS
SYMBOL
TYP
MAX.
UNIT
TEST CONDITIONS
Reverse Voltage Leakage Current
IR
-
1
µA
VR = 10V
Forward Voltage
VF
-
0.37
V
IF = 1mA
Capacitance between Terminals
CT
2.0
-
pF
VR = 1V, f=1MHz
SOT-523
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.5
1.7
G
-
0.1
B
1.45
1.75
H
0.55 REF.
C
0.75
0.85
J
0.1
0.2
D
0.7
0.9
K
-
E
0.9
1.1
L
0.5 TYP.
F
0.15
0.25
M
0.25
0.325
2
1
3


Similar Part No. - SCS715T

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS715T SECOS-SCS715T_15 Datasheet
126Kb / 2P
Small Signal Schottky Diode
More results

Similar Description - SCS715T

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS705F SECOS-SCS705F Datasheet
405Kb / 2P
VOLTAGE 40 V, 0.03 A Small Signal Schottky Barrier Diode
logo
Micro Commercial Compon...
RB715F MCC-RB715F Datasheet
177Kb / 2P
30 mA Schottky Barrier Diode 40 Volts
RB715W MCC-RB715W Datasheet
196Kb / 2P
30 mA Schottky Barrier Diode 40 Volts
RB717F MCC-RB717F Datasheet
168Kb / 2P
30 mA Schottky Barrier Diode 40 Volts
SD103AX MCC-SD103AX Datasheet
297Kb / 3P
200mW Small Signal Schottky Diode 40 Volts
RB715F MCC-RB715F_13 Datasheet
139Kb / 2P
30 mA Schottky Barrier Diode 40 Volts
RB715W MCC-RB715W_13 Datasheet
160Kb / 2P
30 mA Schottky Barrier Diode 40 Volts
RB717F MCC-RB717F_13 Datasheet
135Kb / 2P
30 mA Schottky Barrier Diode 40 Volts
SD103AX MCC-SD103AX_13 Datasheet
331Kb / 3P
200mW Small Signal Schottky Diode 40 Volts
logo
SHIKUES Electronics
RB717F SKTECHNOLGY-RB717F Datasheet
248Kb / 1P
30 mA Schottky Barrier Diode 40 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com