Electronic Components Datasheet Search
  English  ▼

X  

SD12 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SD12
Description  Plasetic Encapsulate ESD Protection Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SD12 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SD12 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SD12 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SD12 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SD12
300 W, 12V
Plasetic Encapsulate ESD Protection Diodes
08-Feb-2010 Rev. B
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Cathode Band
G
E
A
J
F
D
H
C
B
1
2
DESCRIPTION
The SD12 is designed to protect voltage sensitive components from ESD.
Excellent clamping capability, low leakage, and fast response time provide
best in class protection on designs that are exposed to ESD. Because of its
small size, it is suited for use in cellular phones, MP3 players, digital cameras
and many other portable applications where board space is at a premium.
APPLICATIONS
Stand-off voltage: 12V
Low leakage
Response time is typically < 1 ns
ESD rating of class 3 (>16kV) per human body model
IEC61000-4-2 level 4 ESD protection
These are Pb-Free devices
DEVICE MARKING: ZC, 6U
ABSOLUTE RATINGS (TA = 25°C )
RATING
SYMBOL
VALUE
UNIT
Air
±15
IEC 61000-4-2 (ESD)
Contact
±8.0
KV
ESD voltage
per human body model
30
KV
Total power dissipation on FR-5 Board (Note 1)
PD
200
mW
Thermal Resistance Junction−to−Ambient
R
θJA
625
°C / W
Junction and Storage Temperature Range
TJ, TSTG
-55 ~ +150
°C
Lead Solder Temperature – Maximum (10 Second Duration)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
recommended. Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device
reliability.
1. FR-5 = 1.0 x 0.75 x 0.62 in.
ELECTRICAL CHARACTERISTICS
(Ratings at 25°C ambient temperature unless otherwi se specified. VF = 0.9V max at IF = 10mA for all types)
PARAMETER
SYMBOL
RATING
UNIT
Working Peak Reverse Voltage (Max.)
VRWM
3.3
V
Maximum Reverse Leakage Current @ VRWM(Max.)
IR
1.0
µA
Max.
15.75
V
Breakdown Voltage @ IT
Min.
VBR
13.3
V
Test Current
IT
1.0
mA
Clamping Voltage @ IPP=5A
VC
22
V
Maximum Reverse Peak Pulse Current (Max.) *
IPP
12
A
Clamping Voltage @ IPP (Max.) *
VC
33
V
Peak Power Dissipation *
PPK
300
W
Max. Capacitance @ VR =0 and f =1MHz (Typ.)
C
150
pF
+Surge current waveform per Figure 1.
2.
VBR is measured with a pulse test current IT at an ambient temperature of 25°C
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
SOD - 323
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.05 REF.
E
0.080
0.180
B
0.20 REF.
F
1.15
1.45
C
0.80
1.00
G
1.60
1.80
D
0.25
0.40
H
2.30
2.70


Similar Part No. - SD12

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD12 SEMTECH-SD12 Datasheet
137Kb / 6P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
ON Semiconductor
SD12 ONSEMI-SD12 Datasheet
216Kb / 2P
Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
logo
Semtech Corporation
SD12 SEMTECH-SD12 Datasheet
150Kb / 6P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Shanghai Leiditech Elec...
SD12 LEIDITECH-SD12 Datasheet
150Kb / 3P
500W Unidirectional TVS Diode
logo
Sangdest Microelectroni...
SD12 SMC-SD12 Datasheet
160Kb / 5P
Solid-state silicon-avalanche technology
More results

Similar Description - SD12

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STESD03 SECOS-STESD03 Datasheet
142Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD07 SECOS-STESD07 Datasheet
142Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD12 SECOS-STESD12 Datasheet
142Kb / 2P
Plastic Encapsulate ESD Protection Diodes
SD12 SECOS-SD12_15 Datasheet
201Kb / 3P
Plasetic Encapsulate ESD Protection Diodes
STESD07 SECOS-STESD07_15 Datasheet
137Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD12 SECOS-STESD12_15 Datasheet
137Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD12-C SECOS-STESD12-C Datasheet
118Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD05C-C SECOS-STESD05C-C Datasheet
100Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD05-C SECOS-STESD05-C Datasheet
226Kb / 3P
Plastic Encapsulate ESD Protection Diodes
SNESD05C SECOS-SNESD05C_16 Datasheet
184Kb / 3P
Plastic Encapsulate ESD Protection Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com