Electronic Components Datasheet Search
  English  ▼

X  

SD101AW Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SD101AW
Description  Plastic-Encapsulate Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SD101AW Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SD101AW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SD101AW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SD101AW/SD101BW/SD101CW
Voltage: 40V~60V
Plastic-Encapsulate Schottky Diodes
10-Nov-2009 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Cathode Band
G
E
A
J
F
D
H
C
B
1
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low Forward Voltage Drop
Guard Ring Construction for Transient Protection
Negligible Reverse Recovery Time
MARKING : SD101AW: S1
SD101BW: S2
SD101CW: S3
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS at TA = 25°C
PARAMETER
SYMBOL
SD101AW
SD101BW
SD101CW
UNIT
Peak Repetitive Peak Reverse voltage
VRM
60
50
40
V
Working Peak
VRWM
60
50
40
V
DC Blocking Voltage
VR
60
50
40
V
RMS Reverse Voltage
VR(RMS)
42
35
28
V
Forward Continuous Current
IFM
15
mA
@t<1.0S
50
mA
Repetitive Peak Forward
Current
@t=10
µS
IFRM
2.0
A
Power Dissipation
PD
400
mW
Thermal Resistance Junction to Ambient
R
θJA
300
°C/W
Storage Temperature
TSTG
-65~125
°C
ELECTRICAL RATING at TA = 25°C
PARAMETERS
SYMBOL
MIN.
MAX.
UNIT
TEST CONDITIONS
SD101AW
60
SD101BW
50
Reverse Breakdown Voltage
SD101CW
V(BR)R
40
V
IR = 10
µA
SD101AW
0.41
SD101BW
0.40
Forward Voltage
SD101CW
VF1
0.39
mV
IF =1.0mA
SD101AW
1.00
SD101BW
0.95
Forward Voltage
SD101CW
VF2
0.90
IF =15mA
SD101AW
0.2
VR = 50V
SD101BW
0.2
VR = 40V
Reverse Current
SD101CW
IRM
0.2
µA
VR = 30V
SD101AW
2.0
SD101BW
2.1
Capacitance between Terminals
SD101CW
CT
2.2
pF
VR =0V, f=1.0MHz
Reverse Recovery Time
Trr
1.0
ns
IF = IR =5mA,
Irr=0.1XIR, RL =100
SOD-123
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.95
1.35
F
1.40
1.80
B
0.10 REF.
G
2.55
2.85
C
1.05
1.15
H
3.55
3.85
D
0.30
0.78
J
-
-
E
0.08
0.25


Similar Part No. - SD101AW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD101AW DIODES-SD101AW Datasheet
70Kb / 2P
SCHOTTKY BARRIER SWITCHING DIODE
DS11012 Rev. 9 - 2
logo
General Semiconductor
SD101AW GE-SD101AW Datasheet
104Kb / 3P
Schottky Diodes
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
Small Signal Schottky Diodes
16-Dec-05
logo
Diodes Incorporated
SD101AW DIODES-SD101AW Datasheet
224Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
DS11012 Rev. 17 - 2
logo
Diotec Semiconductor
SD101AW DIOTEC-SD101AW Datasheet
101Kb / 2P
Surface Mount Si-Schottky Diodes
More results

Similar Description - SD101AW

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAS70WS SECOS-BAS70WS Datasheet
157Kb / 2P
Schottky Diodes Plastic-Encapsulate Diodes
SD107WS SECOS-SD107WS Datasheet
121Kb / 2P
Plastic-Encapsulate Schottky Diodes
logo
WILLAS ELECTRONIC CORP
BAT42WS WILLAS-BAT42WS Datasheet
160Kb / 3P
SOD-323 Plastic-Encapsulate Diodes (SCHOTTKY DIODES)
logo
SeCoS Halbleitertechnol...
SD101XW SECOS-SD101XW Datasheet
155Kb / 2P
Plastic-Encapsulate Schottky Diodes
SCS751DS SECOS-SCS751DS_15 Datasheet
98Kb / 2P
Plastic-Encapsulate Schottky Diodes
SD101XW SECOS-SD101XW_15 Datasheet
155Kb / 2P
Plastic-Encapsulate Schottky Diodes
SD107WS SECOS-SD107WS_15 Datasheet
121Kb / 2P
Plastic-Encapsulate Schottky Diodes
logo
WILLAS ELECTRONIC CORP
BAS40W WILLAS-BAS40W Datasheet
563Kb / 5P
150mW Plastic-Encapsulate Schottky Barrier Diodes
BAS70W WILLAS-BAS70W Datasheet
716Kb / 6P
Plastic-Encapsulate Schottky Barrier Diodes
BAS70WS WILLAS-BAS70WS Datasheet
785Kb / 6P
Plastic-Encapsulate Schottky Barrier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com