Electronic Components Datasheet Search
  English  ▼

X  

SD106WS Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SD106WS
Description  Plastic-Encapsulate Fast Schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SD106WS Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SD106WS Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SD106WS Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SD106WS
200 mA, 30 V
Plastic-Encapsulate Fast Schottky Diode
10-Nov-2009 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Cathode Band
G
E
A
J
F
D
H
C
B
1
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low turn-on voltage
Fast switching
Microminiature plastic package
This device is protected by a PN junction guard ring
against excessive voltage, such as electrostatic discharge.
Ideal for protection of MOS device, steering,
Biasing, and coupling diodes for fast switching and
Low logic level applications.
MARKING : S21
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS, Single Diode at TA = 25°C
PARAMETER
SYMBOL
RATINGS
UNIT
Non-Repetitive Peak reverse voltage
VRM
30
V
Forward Current
IFM
200
mA
Forward Surge Current (tP =10ms)
IFSM
1
A
Power Dissipation (TC=25°C)
PTOT
250
mW
Thermal Resistance Junction to Ambient Air
T
θJA
500
°C/W
Junction, Storage Temperature
TJ, TSTG
150, -65~150
°C
ELECTRICAL RATING at TA = 25°C
PARAMETERS
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Reverse Breakdown Voltage
VR
30
V
IR = 100
µA
260
IF =2mA
320
IF =15mA
420
IF =100mA
Forward Voltage
VF
490
550
mV
IF =200mA
Reverse Current
IR
5
µA
VR = 30V
Capacitance between Terminals
CT
15
pF
VR = 10V, f = 1MHZ
SOD-323
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.05 REF.
E
0.080
0.180
B
0.20 REF.
F
1.15
1.45
C
0.80
1.00
G
1.60
1.80
D
0.25
0.40
H
2.30
2.70


Similar Part No. - SD106WS

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SD106WS GE-SD106WS Datasheet
78Kb / 1P
SCHOTTKY DIODES
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
SD106WS BILIN-SD106WS Datasheet
278Kb / 3P
Silicon Epitaxial Planar Diode
logo
Guangdong Kexin Industr...
SD106WS KEXIN-SD106WS Datasheet
34Kb / 1P
SCHOTTKY DIODE
logo
Jinan Jingheng (Group) ...
SD106WS JINANJINGHENG-SD106WS Datasheet
92Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
More results

Similar Description - SD106WS

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
CMPSH-3 RECTRON-CMPSH-3 Datasheet
295Kb / 2P
SOT-23 PLASTIC-ENCAPSULATE SCHOTTKY DIODE
CMPSH-3A RECTRON-CMPSH-3A Datasheet
296Kb / 2P
SOT-23 PLASTIC-ENCAPSULATE SCHOTTKY DIODE
CMPSH-3C RECTRON-CMPSH-3C Datasheet
296Kb / 2P
SOT-23 PLASTIC-ENCAPSULATE SCHOTTKY DIODE
logo
SeCoS Halbleitertechnol...
SCS401F SECOS-SCS401F Datasheet
139Kb / 2P
Plastic-Encapsulate Schottky Diode
SCS480N SECOS-SCS480N Datasheet
102Kb / 2P
Small Signal Schottky Plastic-Encapsulate Diode
SCS401F SECOS-SCS401F_15 Datasheet
139Kb / 2P
Plastic-Encapsulate Schottky Diode
SD106WS SECOS-SD106WS_15 Datasheet
122Kb / 2P
Plastic-Encapsulate Fast Schottky Diode
logo
WILLAS ELECTRONIC CORP
SCS421DS WILLAS-SCS421DS Datasheet
448Kb / 4P
Plastic-Encapsulate Diodes FAST SWITCHING DIODE
logo
Rectron Semiconductor
B581XWS RECTRON-B581XWS Datasheet
270Kb / 5P
Plastic-Encapsulate Schottky Barrier Diode
B5817WS RECTRON-B5817WS Datasheet
364Kb / 5P
Plastic-Encapsulate Schottky Barrier Diode
2021-09/11 REV:A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com