Electronic Components Datasheet Search
  English  ▼

X  

SEF105MH Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SEF105MH
Description  1.0 Amp High Efficiency Recovery Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SEF105MH Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SEF105MH Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SEF105MH Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SEF105MH Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SEF101MH~SEF107MH
VOLTAGE 50 ~ 1000 V
1.0 Amp High Efficiency Recovery Rectifiers
Elektronische Bauelemente
09-Feb-2011 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen-free
FEATURES
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application
in order to optimize board space.
High current capability.
Ultrafast recovery time for high efficiency.
Glass passivated chip junction.
MECHANICAL DATA
Case: Molded plastic, SOD-123MH
Epoxy: UL94-V0 rated flame retardant
Terminals: Plated terminals, solderable per MIL-STD-750,
Method 2026.
Polarity: Indicated by cathode band
Mounting Position: Any
Weight: 0.011 gram (Approximately)
MARKING CODE
Part Number
Marking Code
Part Number
Marking Code
SEF101MH
H1
SEF105MH
H5
SEF102MH
H2
SEF106MH
H6
SEF103MH
H3
SEF107MH
H7
SEF104MH
H4
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOD-123MH
3K
7’ inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified.)
Parameter
Symbol
Part Number
Unit
SEF
101MH
SEF
102MH
SEF
103MH
SEF
104MH
SEF
105MH
SEF
106MH
SEF
107MH
Repetitive Peak
Reverse Voltage (Max.)
VRRM
50
100
200
400
600
800
1000
V
RMS Voltage (Max.)
VRMS
35
70
140
280
420
560
700
V
Continuous Reverse Voltage(Max.)
VR
50
100
200
400
600
800
1000
V
SOD-123MH
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
3.30
3.70
D
3.10 (Max.)
B
1.40
1.80
E
0.80 (Typ.)
C
0.60
1.00
F
0.30 (Typ.)
E
E
F
B
C
D
A


Similar Part No. - SEF105MH

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SEF105M SECOS-SEF105M Datasheet
259Kb / 3P
1.0 Amp High Efficiency Recovery Rectifiers
More results

Similar Description - SEF105MH

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SEF101M SECOS-SEF101M Datasheet
259Kb / 3P
1.0 Amp High Efficiency Recovery Rectifiers
ES11A SECOS-ES11A Datasheet
214Kb / 2P
1.0 Amp High Efficiency Recovery Rectifiers
ES11A SECOS-ES11A_15 Datasheet
214Kb / 2P
1.0 Amp High Efficiency Recovery Rectifiers
SEF101A SECOS-SEF101A_15 Datasheet
258Kb / 2P
1.0 Amp High Efficiency Recovery Rectifiers
SEF101B SECOS-SEF101B_15 Datasheet
298Kb / 2P
1.0 Amp High Efficiency Recovery Rectifiers
SEF101FL SECOS-SEF101FL_15 Datasheet
460Kb / 2P
1.0 Amp High Efficiency Recovery Rectifiers
SEF101M SECOS-SEF101M_15 Datasheet
259Kb / 3P
1.0 Amp High Efficiency Recovery Rectifiers
SEF101MH SECOS-SEF101MH_15 Datasheet
337Kb / 3P
1.0 Amp High Efficiency Recovery Rectifiers
SUF101A SECOS-SUF101A_15 Datasheet
320Kb / 2P
1.0 Amp High Efficiency Recovery Rectifiers
SEF105AS SECOS-SEF105AS Datasheet
261Kb / 2P
600 V 1.0 Amp High Efficiency Recovery Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com