Electronic Components Datasheet Search
  English  ▼

X  

SEF505C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SEF505C
Description  50 ~ 1000 V, 5.0 Amp High Efficiency Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SEF505C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SEF505C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SEF505C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEF501C ~ SEF507C
50 ~ 1000 V, 5.0 Amp
High Efficiency Rectifiers
Elektronische Bauelemente
21-Apr-2010 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
B
E
G
D
F
C
H
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and RoHS Compliant
FEATURES
Low profile package
Ideal for automated placement
Low reverse current
Fast reverse recovery time
Component in accordance to RoHS 2002/95/EC
MECHANICAL DATA
Cases:DO-214AB(SMC)
Case Material:Molded Plastic. UL Flammability
Classification Rating 94V-0
Terminals:Lead Free Plating(Tin Finish)
Solderable Per MIL-STD-202, Method 208
Polarity:Cathode Band
Weight:0.231 grams(approximate)
MAXIMUM RATINGS (TA=25℃ unless otherwise noted)
PARAMETERS
SYMBOL
PART NUMBERS
UNITS
SEF
501C
SEF
502C
SEF
503C
SEF
504C
SEF
505C
SEF
506C
SEF
507C
Maximum repetitive peak
reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average
forward rectified current
IF
5.0
A
Peak Forward Surge Current, 8.3ms
single half sine-wave superimposed on
rated load
IFSM
100
A
Maximum Instantaneous
Forward Voltage @ 3.0A
VF
1.00
1.30
1.70
V
Maximum DC Reverse
Current at Rated DC
Blocking Voltage
@ TA=25°C
IR
5.0
A
@TA=100°C
100
Typical Junction Capacitance (NOTE1)
CJ
80
pF
Maximum Reverse
Recovery Time (NOTE2)
Trr
50
75
ns
Thermal Resistance,
Junction to Ambient
RθJA
50
°C / W
Storage and Operating
Temperature Range
TSTG, TJ
-55 ~ 150
°C
NOTES:
1. Measured at 1.0MHz and applied reverse voltage of 4.0V D.C.
2. Measured with IF=0.5A, IR=1A, IRR=0.25A
SMC
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.750
3.250
E
-
0.203
B
6.520
7.110
F
7.750
8.130
C
5.590
6.220
G
0.760
1.520
D
2.000
2.620
H
0.150
0.305


Similar Part No. - SEF505C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SEF501C SECOS-SEF501C_15 Datasheet
260Kb / 2P
High Efficiency Rectifiers
More results

Similar Description - SEF505C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SEF101FL SECOS-SEF101FL Datasheet
390Kb / 2P
Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
logo
Nanjing International G...
HER504-2C5A-2CDO-27 DGNJDZ-HER504-2C5A-2CDO-27 Datasheet
253Kb / 2P
5.0 AMP HIGH EFFICIENCY RECTIFIERS
US5A-2C5A-2CDO-214AB DGNJDZ-US5A-2C5A-2CDO-214AB Datasheet
143Kb / 2P
5.0 AMP HIGH EFFICIENCY RECTIFIERS
US5K-2C5A-2CDO-214AB DGNJDZ-US5K-2C5A-2CDO-214AB Datasheet
143Kb / 2P
5.0 AMP HIGH EFFICIENCY RECTIFIERS
US5M-2C5A-2CDO-214AB DGNJDZ-US5M-2C5A-2CDO-214AB Datasheet
143Kb / 2P
5.0 AMP HIGH EFFICIENCY RECTIFIERS
HER501-2C5A-2CDO-27 DGNJDZ-HER501-2C5A-2CDO-27 Datasheet
220Kb / 2P
5.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
SeCoS Halbleitertechnol...
SEF101AM SECOS-SEF101AM Datasheet
168Kb / 2P
Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
SEF101JD SECOS-SEF101JD Datasheet
133Kb / 2P
Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
SEF201AM SECOS-SEF201AM Datasheet
169Kb / 2P
Voltage 50 ~ 1000 V 2.0 Amp High Efficiency Recovery Rectifiers
SEF201JD SECOS-SEF201JD Datasheet
208Kb / 2P
Voltage 50 ~ 1000 V 2.0 Amp High Efficiency Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com