Electronic Components Datasheet Search
  English  ▼

X  

SF08S60 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SF08S60
Description  8 Amp Low Loss Superfast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SF08S60 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SF08S60 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SF08S60 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SF08S60
Voltage 600 V
8 Amp Low Loss Ultrafast Rectifier
25-Mar-2010 Rev. A
Page 2 of 2
RATINGS AND CHARACTERISTIC CURVES (SF08S60F)
Tc, Case Temperature (
℃)
Typical Forward Current Derating Curve
0
5
10
20
50
100
150
190
DC Curve
Revise Voltage (V)
Typical Junction Capacitance
0
50
100
150
200
0
1
10
100
f = 1MHz
Tj = 25
℃
Maximum Non- Repetitive Forward
Surge Current
Number of Cycles at 60Hz
0
40
80
120
160
200
1
10
100
8.3mS Single half
Sine Wave
JEDEC Method
Tj=25
℃
Typical Forw ard Characteristic
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
Instantaneous Forw ard Current (A)
VF (25°C)
VF (50°C)
VF (75°C)
VF (100°C)
VF (125°C)
IR Electronic Characteristic Curve
1
10
100
1000
10000
0.00
100.00
200.00
300.00
400.00
500.00
600.00
700.00
Reverse Voltage (V)
IR (nA, 25°C)
IR (nA, 50°C)
IR (nA, 75°C)
IR (nA, 100°C)
IR (nA, 125°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com