Electronic Components Datasheet Search
  English  ▼

X  

SF08S60F Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SF08S60F
Description  8 Amp Low Loss Ultrafast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SF08S60F Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SF08S60F Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SF08S60F Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SF08S60F
Voltage 600 V
8 Amp Low Loss Ultrafast Rectifier
25-March-2009 Rev. C
Page 1 of 2
1
3
2
ITO-220A
Dimensions in millimeters
2
1 3
A
M
J
K
L
L
G
F
B
N
D
E
C
H
RoHS Compliant Product
A suffix of “-C” specifies halogen free
FEATURES
High Surge Capacity
150°C Operating Junction Temperature
Low Power Loss, High Efficiency
High-Switching Speed 30 Nanosecond Recovery Time
Low Forward Voltage, High Current Capability
Low Stored Charge Majority Carrier Conduction
Plastic Material Used Carries Underwriters Laboratory
Flammability Classification 94V-O
PACKAGING INFORMATION
Weight: 1.64 grams (approximate)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
SYMBOL
SF08S60F
UNITS
Peak Repetitive Reverse Voltage
VRRM
V
Working Peak Reverse Voltage
VRWM
600
V
DC Blocking Voltage
VR
480
V
Average Rectifier Forward Current
IF(AV)
8
A
Non-Repetitive Peak Surge Current
(Surge applied at rate load conditions half-wave, single phase, 60Hz)
IFSM
120
A
Max. Instantaneous Forward Voltage (IF= 8 A, TC=25°C)
VF
2.4
V
Max. Instantaneous Reverse Current
(Rated DC Voltage, TC=25°C)
(Rated DC Voltage, TC=100°C)
IR
5
500
μA
Reverse Recovery Time
(IF = 0.5A,VR = 30V,dIF / dt = 100 A / μs)
TRR
30
nS
Typical Junction Capacitance
(Reverse Voltage of 4V & f=1MHz)
CP
70
pF
Thermal Resistance
RθJC
4.0
°C / W
Operating Junction and Storage Temperature Range
TJ, TSTG
-65~+150
°C
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
14.70
15.30
H
3.50
3.90
B
9.50
10.50
J
1.10
1.50
C
13.00 Min
K
0.50
0.90
D
4.30
4.70
L
2.44
2.64
E
2.50
3.10
M
2.50
2.90
F
2.40
2.80
N
φ 3.1
φ 3.4
G
0.30
0.70


Similar Part No. - SF08S60F

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SF08S60 SECOS-SF08S60 Datasheet
60Kb / 2P
8 Amp Low Loss Superfast Rectifier
More results

Similar Description - SF08S60F

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SF08U60 SECOS-SF08U60 Datasheet
257Kb / 2P
8 Amp Low Loss Ultrafast Rectifier
SF08U60F SECOS-SF08U60F Datasheet
158Kb / 2P
8 Amp Low Loss Ultrafast Rectifier
SF16SD20 SECOS-SF16SD20 Datasheet
766Kb / 3P
16 Amp Low Loss Ultrafast Rectifier
SF10U60F SECOS-SF10U60F Datasheet
179Kb / 2P
10 Amp Low Loss Ultrafast Rectifier
SF05U60E SECOS-SF05U60E_15 Datasheet
324Kb / 2P
5 Amp Low Loss Ultrafast Rectifier
SF05U60F SECOS-SF05U60F_15 Datasheet
175Kb / 2P
5 Amp Low Loss Ultrafast Rectifier
SF08U60 SECOS-SF08U60_15 Datasheet
257Kb / 2P
8 Amp Low Loss Ultrafast Rectifier
SF08U60F SECOS-SF08U60F_15 Datasheet
79Kb / 2P
8 Amp Low Loss Ultrafast Rectifier
SF10U60F SECOS-SF10U60F_15 Datasheet
179Kb / 2P
10 Amp Low Loss Ultrafast Rectifier
SF08U60F SECOS-SF08U60F_17 Datasheet
86Kb / 2P
8 Amp Low Loss Ultrafast Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com