Electronic Components Datasheet Search
  English  ▼

X  

SF21 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SF21
Description  2 A, Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SF21 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SF21_09 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SF21_09 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SF21 ~ SF25
VOLTAGE 50 ~ 600 V
2 A, Super Fast Rectifiers
01-April-2009 Rev. C
Page 1 of 2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
PACKAGING INFORMATION
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.4300 grams (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25°C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
PART NUMBERS
PARAMETERS
SYMBOL
SF21
SF22
SF23
SF24
SF25
UNITS
TESTING
CONDITIONS
Recurrent Reverse Voltage (Max.)
VRRM
50
100
200
400
600
V
RMS Voltage (Max.)
VRMS
35
70
140
280
420
V
DC Blocking Voltage (Max.)
VDC
50
100
200
400
600
V
Instantaneous Forward Voltage
(Max.)
VF
0.95
1.30
1.70
V
IF = 1 A
Average Forward
Rectified Current (Max.)
IO
2.0
A
0.375” (9.5mm)
lead length
@ TA = 55°C
Peak Forward Surge Current
IFSM
50
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
method)
5.0
VR = VDC, TA=25°C
DC Reverse Current (Max.)
IR
50
μA
VR= VDC, TA=100°C
Reverse Recovery Time (Max.)
TRR
35
nS
IF=0.5A, IR=1.0A,
IRR=0.25A
Junction Capacitance (Typ.)
CJ
60
pF
f=1MHz and
applied 4V DC
reverse voltage
Storage Temperature Range
TSTG
-65 ~ 150
°C
A
C
B
A
D
Millimeter
REF.
Min.
Max.
A
25.4 (TYP)
B
5.80
7.62
C
2.60
3.60
D
-
0.90
DO-15


Similar Part No. - SF21_09

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
SF2100A-AS SOSHIN-SF2100A-AS Datasheet
99Kb / 2P
Single-phase 2-line 250VAC
SF2100C-JQ SOSHIN-SF2100C-JQ Datasheet
161Kb / 3P
Single-phase 2-line 500VAC Wide range high attenuation Type
logo
RF Monolithics, Inc
SF2110D RFM-SF2110D Datasheet
259Kb / 6P
For prototype or pre-production sample please contact RFM Sales.
SF2120C RFM-SF2120C Datasheet
562Kb / 7P
149.00 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2120C MURATA-SF2120C Datasheet
562Kb / 7P
149 MHz SAW Filter
More results

Similar Description - SF21_09

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
SUPER FAST RECTIFIERS
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
SUPER FAST RECTIFIERS
SFF801 HY-SFF801 Datasheet
93Kb / 2P
SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF51 SECOS-SF51 Datasheet
160Kb / 2P
5 A, Super Fast Rectifiers
SF21G SECOS-SF21G Datasheet
71Kb / 2P
2 A, Glass Passivated Super Fast Rectifiers
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com