Electronic Components Datasheet Search
  English  ▼

X  

UM4301 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # UM4301
Description  SWITCHING / ATTENUATOR PIN DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UM4301 Datasheet(HTML) 2 Page - Microsemi Corporation

  UM4301 Datasheet HTML 1Page - Microsemi Corporation UM4301 Datasheet HTML 2Page - Microsemi Corporation UM4301 Datasheet HTML 3Page - Microsemi Corporation UM4301 Datasheet HTML 4Page - Microsemi Corporation UM4301 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Copyright 2005
Rev: 3/30/2009
Microsemi
Microwave Products
75 Technology Drive, Lowell MA 01851 Tel: (978) 442-5600
Page 2
UM4300 / UM7300
SWITCHING / ATTENUATOR PIN DIODES
ELECTRICAL CHARACTERISTICS (@ 25°C unless otherwise specified)
Parameter
Symbol
Conditions
UM4300
UM7300
Units
Reverse Current (Max)
IR
At rated voltage
10
10
u
A
Series Resistance(Max)
RS
If = 100 mA, F= 100 MHz
1.5
3.0
Ohms
Series Resistance(Min)
RS
If = 10 uA, F= 100 MHz
1000
3000
Ohms
Capacitance (Max)
CT
VR = 100 V, F = 1 MHZ
2.2
0.7
pF
Parallel Resistance(Min)
RP
VR = 100 V, F = 100 MHz
200k
150k
Ohms
Carrier Lifetime(Min)
τ
IF = 10 mA
6.0
4.0
us
I-Region Width (Min)
W
- -
250
250
um
TYPICAL RS VS IF
TYPICAL IF VS VF
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Vf (V)
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
TYPICAL
UM4300
UM7300
RP VS VR (UM4300)
RP VS VR (UM4300)
0
10
1
10
2
10
3
10
Vr (V)
0
10
1
10
2
10
100 MHz
500 MHz
1 GHz
3 GHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com