Electronic Components Datasheet Search
  English  ▼

X  

UM4902 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # UM4902
Description  HIGH POWER PIN DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UM4902 Datasheet(HTML) 2 Page - Microsemi Corporation

  UM4902 Datasheet HTML 1Page - Microsemi Corporation UM4902 Datasheet HTML 2Page - Microsemi Corporation UM4902 Datasheet HTML 3Page - Microsemi Corporation UM4902 Datasheet HTML 4Page - Microsemi Corporation UM4902 Datasheet HTML 5Page - Microsemi Corporation UM4902 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.MICROSEMI.com
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
UM4000 / UM4900
HIGH POWER PIN DIODES
RoHS Compliant Versions Available
ELECTRICAL PARAMETERS @ 25C (unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ.
Max
Units
Forward Voltage
VF
IF = 100 mA
1.0
V
Reverse Current
IR
At rated voltage
10
u
A
Series Resistance
RS
If = 100 mA, F= 100 MHz
0.3
0.5
Ohm
Capacitance
CT
VR = 100 V, F = 1 MHZ
2.4
3
pF
Parallel Resistance
RP
VR = 100 V, F = 100 MHz
10k
15k
Ohms
Carrier Lifetime
τ
IF = 10 mA
5
10
uS
STYLE “B” and STYLE “SM”
Copyright
 2007
Rev: 2009-01-19



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com