Electronic Components Datasheet Search
  English  ▼

X  

UMX9989AP Datasheet(PDF) 2 Page - Microsemi Corporation

Part # UMX9989AP
Description  DUAL ULTRA LOW MAGNETIC MOMENT FAST DIODES FOR MRI APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UMX9989AP Datasheet(HTML) 2 Page - Microsemi Corporation

  UMX9989AP Datasheet HTML 1Page - Microsemi Corporation UMX9989AP Datasheet HTML 2Page - Microsemi Corporation UMX9989AP Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RoHS compliant
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
UMX9989AP™
DUAL ULTRA LOW MAGNETIC MOMENT
FAST DIODES FOR MRI APPLICATIONS
ELECTRICAL PARAMETERS @ 25C (unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ.
Max
Units
Forward Voltage (Note 1)
VF
IF = 10 µA
IF = 1 A
±0.38
±1.2
±0.4
±1.4
V
V
Capacitance
Conductance
CT
G
VR = 0V, F = 1 MHZ
VR = 0 V, F = 64 MHz
VR = 0 V, F = 64 MHz
4
4
8
8
80
pF
pF
uS
Parallel Resistance
RP
VR = 0 V, F = 64 MHz
12
kOhms
Note: 1 Short duration test pulse used to minimize self – heating effect
.
Copyright
 2007
Rev: 2009-01-19



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com