Electronic Components Datasheet Search
  English  ▼

X  

VJ648XM Datasheet(PDF) 1 Page - Microsemi Corporation

Part # VJ648XM
Description  Fast Recovery Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VJ648XM Datasheet(HTML) 1 Page - Microsemi Corporation

  VJ648XM Datasheet HTML 1Page - Microsemi Corporation VJ648XM Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROHS Compliant
Operating junction temp range
Storage temperature range
J
T
T
Mounting torque
STG
Peak Reverse
Voltage
10 Amps DC Output
80 Amp Surge Current
Microsemi
Catalog Number
200V
VJ248XM - VJ648XM
Fast Recovery Bridge Rectifiers
VJ248XM
RRM to 600V
V
2000V Isolation
FM = 1.0A: J = 25°C
rr 200 nS
RM 10µA
FM 1.5 Volts
I t 27 A s
V
T
T
I
V
F = 1A, R = 2A, RR = .5A
RRM, J = 25°C
t
FSM 80 Amps
o 10 Amps
Max. reverse recovery time
Max. peak reverse current per leg
Max. peak forward voltage per leg
Max. I t for Fusing
Maximum surge current
DC Current Output
l
l
l
8.3ms, half sine
12-15 inch pounds (#6 screw)
-55°C to 150°C
-55°C to 175°C
Thermal and Mechanical Characteristics
*Pulse test: Pulse width 300µsec, Duty cycle 2%
*
Electrical Characteristics
Notes
.295
.411
.600
.076
.545
F
E
C
D
B
.096
.555
.310
.441
.620
---
---
13.85
10.44
---
---
14.10
---
11.20
---
Maximum
Minimum
Dim. Inches
.137
A
.167
Maximum
Millimeter
Minimum
3.84
2.21
Maximum thermal resistance
OJC
R
3°C/W Junction to case
VJ448XM
400V
VJ648XM
600V
Glass Passivated Die
2
C = 70°C
T
2
2
I
I
Weight
.14 ounces (4.5 grams) typical
H
1.0 Min.
25.40 Min.
G
.076
.096
.970
1.07
J
.195
.215
4.95
5.46
(+)
(-)
AC
AC
Dia.
C
D
A
F
B
E
G
H
J
I
January, 2010 - Rev. 3
www.microsemi.com


Similar Part No. - VJ648XM

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
VJ648XM NJSEMI-VJ648XM Datasheet
93Kb / 1P
10 Amp Fast Recovery Time Epoxy Bridge Rectifiers
More results

Similar Description - VJ648XM

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FBR1500 EIC-FBR1500 Datasheet
43Kb / 2P
FAST RECOVERY BRIDGE RECTIFIERS
FBR2500 EIC-FBR2500 Datasheet
20Kb / 2P
FAST RECOVERY BRIDGE RECTIFIERS
FBR600 EIC-FBR600 Datasheet
19Kb / 2P
FAST RECOVERY BRIDGE RECTIFIERS
FBR800 EIC-FBR800 Datasheet
19Kb / 2P
FAST RECOVERY BRIDGE RECTIFIERS
FKBL400 EIC-FKBL400 Datasheet
21Kb / 2P
FAST RECOVERY BRIDGE RECTIFIERS
FKBP200 EIC-FKBP200 Datasheet
21Kb / 2P
FAST RECOVERY BRIDGE RECTIFIERS
FBR3500W EIC-FBR3500W Datasheet
49Kb / 2P
FAST RECOVERY BRIDGE RECTIFIERS
logo
Dongguan City Niuhang E...
RYBS80005 NIUHANG-RYBS80005 Datasheet
234Kb / 2P
FAST RECOVERY BRIDGE RECTIFIERS
logo
Central Semiconductor C...
PDN01090 CENTRAL-PDN01090 Datasheet
286Kb / 4P
Bridge Rectifiers, Fast Recovery
logo
EIC discrete Semiconduc...
FBR5000 EIC-FBR5000_V01 Datasheet
81Kb / 2P
FAST RECOVERY BRIDGE RECTIFIERS
Rev. 03:November 20, 2008
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com