Electronic Components Datasheet Search
  English  ▼

X  

VRF2933MP Datasheet(PDF) 5 Page - Microsemi Corporation

Part # VRF2933MP
Description  RF POWER VERTICAL MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VRF2933MP Datasheet(HTML) 5 Page - Microsemi Corporation

  VRF2933MP Datasheet HTML 1Page - Microsemi Corporation VRF2933MP Datasheet HTML 2Page - Microsemi Corporation VRF2933MP Datasheet HTML 3Page - Microsemi Corporation VRF2933MP Datasheet HTML 4Page - Microsemi Corporation VRF2933MP Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PIN 1 - DRAIN
PIN 2 - GATE
PIN 3 - SOURCE
PIN 4 - SOURCE
PIN 5 - SOURCE
M177 (0.63 dia. SOE) Mechanical Data
All dimensions are
±.005
DIM
MIN
TYP
MAX
A
0.225
0.230
0.235
B
0.265
0.270
0.275
C
0.860
0.865
0.870
D
1.130
1.135
1.140
E
0.545
0.550
0.555
F
0.003
0.005
0.007
G
0.098
0.103
0.108
H
0.150
0.160
0.170
I
0.280
J
1.080
1.100
1.120
K
0.625
0.630
0.635
F
E
G
H
I
A
B
C
D
OK
J
.125d nom
.135 r
Seating Plane
1
4
2
3
5
VRF2933(MP)
Microsemi’s products are covered by one or more of U.S. patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583
4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743, 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262
and foreign patents. US and Foreign patents pending. All Rights Reserved.
Adding MP at the end of P/N specifies a matched pair where V
GS(TH) is matched between the two parts. VTH values
are marked on the devices per the following table.
Code
Vth Range
Code 2
Vth Range
A
2.900 - 2.975
M
3.650 - 3.725
B
2.975 - 3.050
N
3.725 - 3.800
C
3.050 - 3.125
P
3.800 - 3.875
D
3.125 - 3.200
R
3.875 - 3.950
E
3.200 - 3.275
S
3.950 - 4.025
F
3.275 - 3.350
T
4.025 - 4.100
G
3.350 - 3.425
W
4.100 - 4.175
H
3.425 - 3.500
X
4.175 - 4.250
J
3.500 - 3.575
Y
4.250 - 4.325
K
3.575 - 3.650
Z
4.325 - 4.400
V
TH values are based on Microsemi measurements at datasheet conditions with an accuracy of 1.0%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com