Electronic Components Datasheet Search
  English  ▼

X  

SI7905 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SI7905
Description  3-Terminal Negative Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SI7905 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SI7905 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SI7905 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SI7905 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SI7905 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SI7905 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 5
Elektronische Bauelemente
SI79XX
3-Terminal
Negative Voltage Regulator
:
Electrical Characteristics
S
I7905 (Refer to the test circuits, Tj=0~125 : , Io=500mA, Vin=-10V, Cin=2.2 F, Co=1 F unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
-4.85
-5.0
-5.15
VO
B-Rank (5%)
-4.75
-
-5.25
V
Vin=-10V, Io=500mA, Tj=25 :
-7V Vin -20V, 5mA Io 1A, PD 15W
-
10
50
-7V Vin -25V, Io=500mA, Tj=25 :
VO
(Line Regulation)
-
-
25
mV
-8V Vin -12V, Io=500mA, Tj=25 :
-
10
100
Vin=-10V, 5mA Io 1A, Tj=25 :
VO
(Load Regulation)
-
3
50
mV
Vin=-10V, 250mA Io 750mA, Tj=25 :
I
Q
-
-
6.0
mA
Vin=-10V, Io=500mA, Tj=25 :
-
-
0.5
Vin=-10V, 5mA Io 1A
I
Q
-
-
1.3
mA
-7V Vin -25V, Io=500mA
Vn
-
100
-
V
10Hz f 100KHz, Ta=25 :
RR
54
-
-
dB
-8V Vin -18V, f=120Hz, Tj=25 :
VD
-
2
-
V
I
o=1A, Tj=25 :
I
pk
-
2.2
-
A
Tj=25 :
Vo / Tj
-
-0.4
-
mV/ :
I
o=5mA, 0 :
Tj 125 :
S
I7906 (Refer to the test circuits, Tj=0~125 : , Io=500mA, Vin=-11V, Cin=2.2 F, Co=1 F unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
-5.82
-6.0
-6.18
VO
B-Rank (5%)
-5.70
-
-6.30
V
Vin=-11V, Io=500mA, Tj=25 :
-8V Vin -21V, 5mA Io 1A, PD 15W
-
10
120
-8V Vin -25V, Io=500mA, Tj=25 :
VO
(Line Regulation)
-
5
60
mV
-9V Vin -13V, Io=500mA, Tj=25 :
-
10
120
Vin=-11V, 5mA Io 1A, Tj=25 :
VO
(Load Regulation)
-
3
60
mV
Vin=-11V, 250mA Io 750mA, Tj=25 :
I
Q
-
-
6.0
mA
Vin=-11V, Io=500mA, Tj=25 :
-
-
0.5
Vin=-11V, 5mA Io 1A
I
Q
-
-
1.3
mA
-8V Vin -25V, Io=500mA
Vn
-
130
-
V
10Hz f 100KHz, Ta=25 :
RR
54
-
-
Db
-9V Vin -19V, f=120Hz, Tj=25 :
VD
-
2
-
V
I
o=1A, Tj=25 :
I
pk
-
2.2
-
A
Tj=25 :
Vo / Tj
-
-0.5
-
mV/ :
I
o=5mA, 0 :
Tj 125 :
SI79XX



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com