Electronic Components Datasheet Search
  English  ▼

X  

SI7809 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SI7809
Description  3-Terminal Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SI7809 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SI7809 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SI7809 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SI7809 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SI7809 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SI7809 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SI7809 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Input Voltage
1
-55~+150
Output Current
Storage Temperature Range
Tj, Tstg
Thermal Resistance Junction-Air
IO
C
C
o
o
Operating Junction And
Parameter
Symbol
Ratings
Unit
V
A
VIN
35
Absolute Maximum Ratings
W/
S
I7805~18
S
I7824
40
V
VIN
Thermal Resistance Junction-Cases
R
θJA
R
θJC
125
12.5
C
o
W/
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 6
Description
The SI78XX series of fixed-voltage monolithic intergrated-
circuit voltage regulators designed for a wide range of
applications. These applications include on-card regulation
for elimination of noise and distribution problems associated
with single-point regulation. Each of these regulators can
deliver up to 1A of output current. The internal current limiting
and thermal shutdown features of there trgulators make
them essentially immune to overload.
Features
*5V,6V,8V,9V,10V,12V,15V,18V,24V Output Voltage Available
*Output Transistor Safe-Area Compensation
*No External Components
*Internal Thermal Overload Protection
*Internal Short-Circuit Current Limiting
*High Power Dissipation Capability
Elektronische Bauelemente
SI78XX
3-Terminal
Positive Voltage Regulator
250
-0.6
1.8
_
_
_
_
_
0.5
40
2
uA
VN
_
80
_
_
_
8
mV
C
o
mV
mA
_
_
_
_
ISC
VO/
o
VD
VO
4.85
V
RR
VIN=10V,IO=500mA,Tj=25
7.5V
_
_
Symbol
Max.
Typ.
Test Condition
Min.
Unit
SI7805 (Refer to the test circuits,Tj=0~125 C, IO=500mA, VIN=10V, CIN=0.33uF, CO=0.1uF unless otherwise specified)
4.75
5
5.15
5.25
VO
(Line Regulation)
VO
(Load Regulation)
1
_
3
50
25
_
100
50
8V
VIN 12V,IO=500mA
5mA IO
1A,
7V
VIN 25V,IO=500mA,
IQ
IQ
mA
1.3
_
_
7V
VIN 25V,IO=500mA
dB
_
_
V
IPK
Tj
mA
mA
mV/ C
o
Tj=25
A-Rank
(3%)
B-Rank
(5%)
_
_
_
_
VIN=35V,
IO=5mA,0 C
o
Tj 25 C
o
10Hz f
100Hz,
8V
VIN 18V,f=120Hz,
Electrical Characteristics
C
o
VIN 20V, 5mA IO 1A,PD
15W
Tj=25 C
o
, Tj=25C
o
VIN=10V,
Tj=25C
o
250mA IO 750mA,
VIN=10V,
Tj=25 C
o
VIN=10V,IO=500mA,Tj=25 C
o
5mA IO
1A
VIN=10V,
Tj=25C
o
Tj=25C
o
Tj=25C
o
≤
≤
≤
≤
≤
≤
≤
≤
≤
≤
≤
≤
≤
≤
≤
≤
≤
≤ ≤
≤
≤
≤
≤
Io=1A,
C
o
Tj=25
TO-251
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.80
G
0.50
0.70
B
5.20
5.50
H
2.20
2.40
C
6.80
7.20
J
0.45
0.60
D
7.20
7.80
K
0.45
0.60
E
2.30 REF.
L
0.90
1.50
F
0.60
0.90
M
5.40
5.80
Millimeter


Similar Part No. - SI7809

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7802DN VISHAY-SI7802DN Datasheet
181Kb / 3P
N-Channel 250-V (D-S) MOSFET
07-Oct-04
SI7802DN VISHAY-SI7802DN Datasheet
198Kb / 4P
N-Channel 250-V (D-S) MOSFET
13-Feb-06
SI7802DN VISHAY-SI7802DN_06 Datasheet
198Kb / 4P
N-Channel 250-V (D-S) MOSFET
13-Feb-06
SI7804DN VISHAY-SI7804DN Datasheet
66Kb / 5P
N-Channel 30-V (D-S) Fast Switching MOSFET
13-Jun-05
SI7804DN VISHAY-SI7804DN Datasheet
562Kb / 12P
N-Channel 30-V (D-S) Fast Switching MOSFET
29-Dec-08
More results

Similar Description - SI7809

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S78L05 SECOS-S78L05 Datasheet
310Kb / 2P
3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST78L05 SEMTECH_ELEC-ST78L05 Datasheet
201Kb / 2P
3-Terminal positive voltage regulator
ST78L06 SEMTECH_ELEC-ST78L06 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
ST78L09 SEMTECH_ELEC-ST78L09 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
logo
Cystech Electonics Corp...
LM7812XJ3 CYSTEKEC-LM7812XJ3 Datasheet
112Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M09 SECOS-SJ78M09 Datasheet
85Kb / 2P
3-Terminal Positive Voltage Regulator
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
3-Terminal Positive Voltage Regulator
logo
Continental Device Indi...
LM7818 CDIL-LM7818 Datasheet
75Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com