Electronic Components Datasheet Search
  English  ▼

X  

IP7805AR Datasheet(PDF) 4 Page - Seme LAB

Part # IP7805AR
Description  1 AMP POSITIVE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP7805AR Datasheet(HTML) 4 Page - Seme LAB

  IP7805AR Datasheet HTML 1Page - Seme LAB IP7805AR Datasheet HTML 2Page - Seme LAB IP7805AR Datasheet HTML 3Page - Seme LAB IP7805AR Datasheet HTML 4Page - Seme LAB IP7805AR Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IP140A SERIES
IP140
SERIES
IP7800A SERIES
IP7800
SERIES
LM140
SERIES
Prelim.5/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
1) All characteristics are measured with a capacitor across the input of 0.22
mF and a capacitor across the output of 0.1mF.
All characteristics except noise voltage and ripple rejection ratio are measured using pulse techniques (tp £ 10ms, d£ 5%). Output
voltage changes due to changes in internal temperature must be taken into account separately.
2) Although power dissipation is internally limited, these specifications are applicable for maximum power dissipation PMAX of 20W ,
IMAX = 1.0A.
3) TJ = 25°C unless otherwise stated.
VO
Output Voltage
VO
Low Supply
DVO
Line Regulation
DVO
Load Regulation
IQ
Quiescent Current
DIQ
Quiescent Current
Change
VN
Output Noise
Voltage
DVIN
Ripple Rejection
DVO
Dropout Voltage
RO
Output Resistance
Isc
Short Circuit Current
Ipk
Peak Output Current
Average Temperature
Coefficient of VO
Input Voltage required to
maintain line regulation
IP7815A
IP7815
LM,IP140A–15
LM,IP140–15
Parameter
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
IO = 1A
VIN = 23V
IO = 5mA to IMAX
PD £ PMAX
VIN = 17.9V to 30V TJ = -55 to 150°C
IO = 5mA to IMAX
PD £ PMAX
VIN = 17.5V to 30V
VIN = 17.5V to 30V
IO = 0.5 IMAX
VIN = 17.9V to 30V
TJ = -55 to 150°C
IO £ IMAX
VIN = 17.5V to 30V
VIN = 20V to 26V
TJ = -55 to 150°C
IO = 5mA to 1.5A
VIN = 23V
IO = 250mA to 750mA
VIN = 23V
IO = 5mA to IMAX
TJ = -55 to 150°C
IO £ IMAX
VIN = 23V
TJ = -55 to 150°C
IO = 5mA to IMAX
VIN = 23V
IO £ IMAX
VIN = 17.9V to 30V
TJ = -55 to 150°C
IO £ 0.5 IMAX
VIN = 18.5V to 30V
IO £ 0.5 IMAX
VIN = 17.5V to 30V
TJ = -55 to 150°C
f = 10Hz to 100kHz
VIN = 23V
f = 120Hz
IO £ IMAX
VIN = 18.5V to
IO £ 0.5 IMAX
28.5V
TJ = -55 to 150°C
IO = IMAX
f = 1 kHz
VIN = 35V
VIN = 23V
IO = 5mA
IO £ IMAX
14.4
15
15.60
14.25
15.75
14.25
15.75
150
150
150
60
75
150
75
150
6
7
0.5
0.8
0.8
1
90
60
60
2
9
0.6
1.2
2.4
3.3
1.8
17.7
14.85
15
15.15
14.55
15.45
14.25
15.45
422
422
422
210
530
12
35
421
975
46
4
6.5
0.2
0.5
0.1
0.8
0.1
0.8
0.2
1
90
600
60
70
60
70
2
2.5
9
0.6
1.2
2.4
3.3
0.6
6
17.5
V
V
mV
mV
mA
mA
mV
dB
V
m
W
A
mV
°C
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com