Electronic Components Datasheet Search
  English  ▼

X  

SM79L06 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SM79L06
Description  3-Terminal Negative Voltage Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM79L06 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SM79L06 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM79L06 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 2
Elektronische Bauelemente
SM79L06
3-Terminal
Negative Voltage Regulator
120
uV
VNO
71
_
6
mV
mV
mA
_
_
_
_
o
Ripple
VO
-5.82
V
RR
Symbol
Max.
Typ.
Test Condition
Min.
Unit
VI=-12V,IO=40mA,Tj=25 C, CIN=0.33uF, COUT=0.1uF unless otherwise specified
-6
-6.18
VO-VIN
(Line Regulation)
VO-IO
(Load Regulation)
_
15
150
60
VIN=-8.5V~-20V,IO=40mA
VIN
IQ
dB
=-12V,IO=40mA
7
3.5
41
Rank A (3%)
Quiescent Current
Output
Voltage
Noise
Rejection
VIN =-12V,IO=1~100mA
VIN =-12V,IO=40mA
VIN =-12V,BW=10Hz~100KHz,IO=40mA
VIN =-9V~-19V,IO=40mA,EIN=1VP-P,f=120Hz
120
uV
VNO
71
_
6
mV
mV
mA
_
_
_
_
o
Ripple
VO
-5.7
V
RR
Symbol
Max.
Typ.
Test Condition
Min.
Unit
VI=-12V,IO=40mA,Tj=25 C, CIN=0.33uF, COUT=0.1uF unless otherwise specified
-6
-6.3
VO-VIN
(Line Regulation)
VO-IO
(Load Regulation)
_
15
150
60
VIN=-8.5V~-20V,IO=40mA
VIN
IQ
dB
=-12V,IO=40mA
7
3.5
41
Rank B (5%)
Quiescent Current
Output
Voltage
Noise
Rejection
VIN =-12V,IO=1~100mA
VIN =-12V,IO=40mA
VIN =-12V,BW=10Hz~100KHz,IO=40mA
VIN =-9V~-19V,IO=40mA,EIN=1VP-P,f=120Hz
Electrical Characteristics at Ta=25 C
o



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com