Electronic Components Datasheet Search
  English  ▼

X  

SM130FL Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SM130FL
Description  1.0 A Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM130FL Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SM130FL Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM130FL Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SM130FL Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SM120FL ~ SM1100FL
VOLTAGE 20 ~ 100 V
1.0 A Schottky Barrier Rectifiers
Elektronische Bauelemente
15-Dec-2010 Rev. B
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Typical thermal resistance junction to
ambient
1
RθJA
200
°C / W
Typical thermal resistance junction to
lead
2
RθJL
25
DC Reverse Current at Rated DC
Blocking Voltage (Max.)
IR
0.3
mA
Typical Junction Capacitance
3
CJ
30
pF
Operating Temperature Range
TJ
-55 ~ 125
°C
Storage Temperature Range
TSTG
-55 ~ 150
°C
Notes:
1.
Mounted on epoxy substrate with 3 x 3 mm CU pads (≧ 40
 m thick).
2.
Mounted with minimum recommended pad size, PC Board FR4.
3.
Measured at f=1.0MHz, VR=4.0V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com