Electronic Components Datasheet Search
  English  ▼

X  

SM4002FL Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM4002FL
Description  1.0 A Glass Passivated Surface Mount Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM4002FL Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM4002FL Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM4002FL Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SM4001FL ~ SM4007FL
VOLTAGE 50 ~ 1000 V
1.0 A Glass Passivated Surface Mount Rectifiers
Elektronische Bauelemente
08-Nov-2010 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward surge current
Ideal for surface mounted applications
Low leakage current
MECHANICAL DATA
Case: JEDEC SOD-123FL, molded plastic over
passivated chip
Terminals: Solder Plated, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Weight: 0.006 ounces, 0.02 gram
Mounting position: Any
MARKING
Part Number
Marking Code
Part Number
Marking Code
SM4001FL
D1
SM4005FL
D5
SM4002FL
D2
SM4006FL
D6
SM4003FL
D3
SM4007FL
D7
SM4004FL
D4
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOD-123FL
2.5K
7’ inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25°C ambient temperature unless otherwise specified.Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
.
PARAMETERS
SYMBOL
PART NUMBERS
UNITS
TESTING
CONDITIONS
SM
4001
FL
SM
4002
FL
SM
4003
FL
SM
4004
FL
SM
4005
FL
SM
4006
FL
SM
4007
FL
Recurrent Reverse Voltage (Max.)
VRRM
50
100
200
400
600
800
1000
V
RMS Voltage (Max.)
VRMS
35
70
140
280
420
560
700
V
DC Blocking Voltage (Max.)
VDC
50
100
200
400
600
800
1000
V
Instantaneous Forward Voltage (Max.)
(Note 1)
VF
1.1
V
IFM = 1.0A
Average Forward
Rectified Current (Max.)
I(AV)
1.0
A
TA = 75°C
Peak Forward Surge Current
IFSM
25
A
8.3ms single half
sine-wave
superimposed on
rated load
(JEDEC method)
DC Reverse Current at Rated DC
Blocking Voltage (Max.)
IR
5.0
A
TA=25°C
TA=125°C
50
Typical Thermal Resistance
Junction-Lead
RθJL
20
°C / W
Typical Junction Capacitance
CJ
15
pF
f=1MHz, VR=4.0V
Operating and Storage
Temperature Range
TJ, TSTG
-55 ~ 150
°C
Notes:
1.
Pulse test:Pulse width 300
sec, duty cycle 2%.
SOD-123FL
E
F
B
C
D
A
G
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.70
2.90
E
0.10
0.30
B
2.00
1.80
F
0.80
1.20
C
1.55
1.25
G
0.35
0.85
D
3.50
3.90


Similar Part No. - SM4002FL

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
SM4002FL TAYCHIPST-SM4002FL Datasheet
4Mb / 2P
Glass Passivated Surface Mount Rectifiers
More results

Similar Description - SM4002FL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LL4001G ETC-LL4001G Datasheet
52Kb / 2P
1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers
logo
Taiwan Semiconductor Co...
LL4933G TSC-LL4933G Datasheet
67Kb / 2P
1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers
LL4001G TSC-LL4001G Datasheet
78Kb / 2P
1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers
EGF1A TSC-EGF1A Datasheet
55Kb / 2P
1.0 AMP. Surface Mount Glass Passivated Junction High Efficient Rectifiers
logo
SeCoS Halbleitertechnol...
FR101G SECOS-FR101G Datasheet
174Kb / 2P
1.0 A, Glass Passivated Fast Rectifiers
SM0520FL SECOS-SM0520FL Datasheet
272Kb / 3P
0.5 A Glass Passivated Surface Mount Rectifiers
SUF11FL SECOS-SUF11FL Datasheet
346Kb / 2P
1.0 A Glass Passivated Surface Mount Rectifiers
logo
WILLAS ELECTRONIC CORP
MD1F WILLAS-MD1F Datasheet
450Kb / 2P
1.0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shenzhen Yixinwei Techn...
S1AL YIXIN-S1AL Datasheet
163Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
S3AB HY-S3AB_19 Datasheet
266Kb / 3P
Surface Mount Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com