Electronic Components Datasheet Search
  English  ▼

X  

SMS318 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMS318
Description  N-Channel Enhancement MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMS318 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMS318 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMS318 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMS318 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMS318 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SMS318
220mA, 50V, RDS(ON) 3.5 
N-Channel Enhancement MOSFET
28-Apr-2011 Rev. C
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Off Characteristics
2
Drain-Source Breakdown Voltage
BVDSS
50
-
-
V
VGS = 0, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
-
-
0.5
μA
VGS= 0V, VDS = 50V
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VGS=±20V, VDS = 0V
On Characteristics
2
Gate Threshold Voltage
VGS(th)
0.5
-
2.0
V
VDS = VGS, ID =250μA
Static Drain-Source On Resistance
RDS(ON)
-
-
3.5
Ω
VGS=10V, ID =0.22A
Forward Transconductance
gFS
100
-
-
mS
VDS=25V,,ID =0.2A, f=1.0KHz
Dynamic Characteristics
Input Capacitance
Ciss
-
-
50
pF
Output Capacitance
Coss
-
-
25
pF
Reverse Transfer Capacitance
Crss
-
-
8.0
pF
VDS=10V, VGS=0, f=1MHz
Switching Characteristics
Turn-On Delay Time
td(ON)
-
-
20
Turn-Off Delay Time
td(OFF)
-
-
20
nS
VDD=30V, ,ID=0.2A,
RGEN=50Ω,
Notes:
1.
Device mounted on FR-5 PCB 1.0 x 0.75 x 0.062 inch pad layout.
2.
Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com