Electronic Components Datasheet Search
  English  ▼

X  

SMS4003K Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMS4003K
Description  N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMS4003K Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMS4003K Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMS4003K Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMS4003K Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMS4003K Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SMS4003K
0.5 A, 30V
N-Channel MOSFET
10-Jan-2010 Rev. A
Page 2 of 4
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITION
STATIC CARACTERISTICS
Drain-Source Breakdown Voltage
V(BR)DSS
30
-
-
V
VGS=0V, ID =100
µA
Gate-Source Threshold Voltage
3
VGS(TH)
0.8
-
1.6
V
VDS= VGS, ID =250
µA
Gate-Source Leakage Current
IGSS
-
-
±1.0
µA
VGS=±10V
Zero Gate Voltage Drain Current
IDSS
-
-
1.0
µA
VDS=30V, VGS=0V, TJ=25°C
-
1.5
2.0
VGS=2.5V, ID=10mA
Drain-Source On-Resistance
3
RDS(ON)
-
1.0
1.5
VGS=4.0V, ID=10mA
Forward Transconductance
3
gFS
-
0.33
-
S
VDS=3V, ID=10mA
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
-
21
-
Output Capacitance
COSS
-
19.7
-
Reverse Transfer Capacitance
CRSS
-
8.1
-
pF
VDS=5V
VGS=0V
f=1MHz
SWITCHING CHARACTERISTICS
Turn-on Delay Time
4
Td(ON)
-
16.7
-
Rise Time
4
TR
-
47.9
-
Turn-off Delay Time
4
Td(OFF)
-
65.1
-
Fall Time
4
TF
-
64.2
-
nS
VGS=4.5V
VDD=5V
I D=0.1A
RG=50
Total Gate Charge
QG
-
1.15
-
Threshold Gate Charge
QG(TH)
-
0.15
-
Gate-Source Charge
QGS
-
0.32
-
Gate-Drain Charge
QGD
-
0.23
-
nC
VGS=5V
VDS=24V
I D=0.1A
SOURCE-DRAIN DIODE CARACTERISTICS
TJ=25°C
-
0.65
0.7
Forward On Voltage
TJ=125°C
VSD
-
0.45
-
V
VGS=0V
IS =10mA
Reverse Recovery Time
Trr
-
14
-
nS
VGS=0V, IS =10mA, dls/dt=8A /
µs
Note:
3.
Pulse Test: Pulse width ≦300
µs, duty cycle ≦2%.
4.
Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com