Electronic Components Datasheet Search
  English  ▼

X  

IRFN250SMD Datasheet(PDF) 1 Page - Seme LAB

Part # IRFN250SMD
Description  N-CHANNEL POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IRFN250SMD Datasheet(HTML) 1 Page - Seme LAB

  IRFN250SMD Datasheet HTML 1Page - Seme LAB IRFN250SMD Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IRFN250SMD
Prelim. 7/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VGS
Gate – Source Voltage
ID
Continuous Drain Current
(VGS = 0 , Tcase = 25°C)
ID
Continuous Drain Current
(VGS = 0 , Tcase = 100°C)
IDM
Pulsed Drain Current 1
PD
Power Dissipation @ Tcase = 25°C
Linear Derating Factor
EAS
Single Pulse Avalanche Energy 2
dv/dt
Peak Diode Recovery 3
TJ , Tstg
Operating and Storage Temperature Range
TL
Package Mounting Surface Temperature (for 5 sec)
RqJC
Thermal Resistance Junction to Case
RqJ–PCB
Thermal Resistance Junction to PCB (Typical)
±20V
22A
14A
88A
100W
0.8W/°C
500mJ
5.0V/ns
–55 to 150°C
300°C
1.25°C/W
3°C/W
MECHANICAL DATA
Dimensions in mm (inches)
3. 60 ( 0. 142)
Ma x .
3. 70 ( 0. 146)
3. 41 ( 0. 134)
3. 70 ( 0. 146)
3. 41 ( 0. 134)
0. 89
( 0 . 035)
mi n .
9. 67 ( 0. 381)
9. 38 ( 0. 369)
11. 58 ( 0 . 4 56)
11. 28 ( 0 . 4 44)
0. 50 ( 0. 020 )
0. 26 ( 0. 010 )
13
2
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
SMD PACKAGE
Notes
1) Pulse Test: Pulse Width
£ 300ms, d£ 2%
2) @ VDD = 50V , L ³ 1.5mH , RG = 25W , Peak IL = 22A , Starting TJ = 25°C
3) @ ISD £ 22A , di/dt £ 190A/ms , VDD £ BVDSS , TJ £ 150°C , SUGGESTED RG = 2.35W
N–CHANNEL
POWER MOSFET
FEATURES
• HERMETICALLY SEALED SURFACE
MOUNT PACKAGE
• SMALL FOOTPRINT – EFFICIENT USE OF
PCB SPACE.
• SIMPLE DRIVE REQUIREMENTS
• LIGHTWEIGHT
• HIGH PACKING DENSITIES
Pad 1 – Source
Pad 2 – Drain
Pad 3 – Gate
Note:
IRFxxxSM also available with
pins 1 and 3 reversed.
VDSS
200V
ID(cont)
14A
RDS(on)
0.100
W
W
W
W


Similar Part No. - IRFN250SMD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFN250 IRF-IRFN250 Datasheet
217Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.100ohm, Id=27.4A)
logo
Seme LAB
IRFN250 SEME-LAB-IRFN250 Datasheet
25Kb / 2P
N?밅HANNEL POWER MOSFET
logo
International Rectifier
IRFN250 IRF-IRFN250 Datasheet
158Kb / 7P
Simple Drive Requirements
IRFN250 IRF-IRFN250_15 Datasheet
158Kb / 7P
Simple Drive Requirements
More results

Similar Description - IRFN250SMD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com