Electronic Components Datasheet Search
  English  ▼

X  

IRFY044 Datasheet(PDF) 1 Page - Seme LAB

Part # IRFY044
Description  N-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IRFY044 Datasheet(HTML) 1 Page - Seme LAB

  IRFY044 Datasheet HTML 1Page - Seme LAB IRFY044 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IRFY044
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 11/95
MECHANICAL DATA
Dimensions in mm (inches)
2.54
BSC
10.41
10.67
3.56
3.81
Dia.
0.70
0.90
2.65
2.75
0.89
1.14
4.70
5.00
1 2 3
TO–220M – Metal Package
N–CHANNEL
POWER MOSFET
FOR HI–REL
APPLICATIONS
FEATURES
• HERMETICALLY SEALED TO–220 METAL
PACKAGE
• SIMPLE DRIVE REQUIREMENTS
• LIGHTWEIGHT
• SCREENING OPTIONS AVAILABLE
• ALL LEADS ISOLATED FROM CASE
Pad 1 – Gate
Pad 2 – Drain
Pad 3 – Source
VDSS
60V
ID(cont)
20A
RDS(on)
0.035
Ω
Ω
VGS
Gate – Source Voltage
ID
Continuous Drain Current @ TC = 25°C
ID
Continuous Drain Current @ TC = 100°C
IDM
Pulsed Drain Current
PD
Power Dissipation @ TC = 25°C
Linear Derating Factor
TJ , Tstg
Operating and Storage Temperature Range
RθJC
Thermal Resistance Junction to Case
RθJA
Thermal Resistance Junction to Ambient
±20V
20A
20A
128A
60W
0.48W/°C
–55 to 150°C
2.1°C/W max.
80°C/W max.
ABSOLUTE MAXIMUM RATINGS (TC = 25°C unless otherwise stated)


Similar Part No. - IRFY044

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFY044 IRF-IRFY044 Datasheet
161Kb / 7P
Simple Drive Requirements
logo
Seme LAB
IRFY044C SEME-LAB-IRFY044C Datasheet
14Kb / 2P
N-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
logo
International Rectifier
IRFY044C IRF-IRFY044C Datasheet
161Kb / 7P
POWER MOSFET
IRFY044C IRF-IRFY044C Datasheet
161Kb / 7P
Simple Drive Requirements
IRFY044CM IRF-IRFY044CM Datasheet
281Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=60V, Rds(on)=0.040ohm, Id=16A*)
More results

Similar Description - IRFY044

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRF130SMD SEME-LAB-IRF130SMD Datasheet
22Kb / 2P
N-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
IRF240 SEME-LAB-IRF240 Datasheet
19Kb / 2P
N-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
IRF9130SMD SEME-LAB-IRF9130SMD Datasheet
20Kb / 2P
P-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
IRF9530-220M SEME-LAB-IRF9530-220M Datasheet
18Kb / 2P
P-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
IRF9530SMD SEME-LAB-IRF9530SMD Datasheet
22Kb / 2P
P-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
IRFN130SMD SEME-LAB-IRFN130SMD Datasheet
21Kb / 2P
N-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
IRFY044C SEME-LAB-IRFY044C Datasheet
14Kb / 2P
N-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
IRFY120 SEME-LAB-IRFY120 Datasheet
14Kb / 2P
N-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
IRFY130 SEME-LAB-IRFY130 Datasheet
18Kb / 2P
N-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
IRFY140C SEME-LAB-IRFY140C Datasheet
14Kb / 2P
N-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com