Electronic Components Datasheet Search
  English  ▼

X  

SP1560 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SP1560
Description  15 Amp Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SP1560 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SP1560 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SP1560 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SP1560
Voltage 60 V
15 Amp Schottky Barrier Rectifiers
Elektronische Bauelemente
28-Jun-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
1
1
1
2
2
2
2
3
3
3
3
RoHS Compliant Product
A suffix of “-C” specifies halogen free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
Epitaxial construction
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: Lead solderable per MIL-STD-202
method 208 guaranteed
Polarity: As Marked
Mounting position: Any
Weight: 1.64 grams (approximate)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
60
V
Working Peak Reverse Voltage
VRSM
60
V
Maximum DC Blocking Voltage
VDC
60
V
Maximum Average Forward Rectified Current
Per Leg
IF
7.5
A
Per Device
15
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
200
A
Maximum Instantaneous
Forward Voltage
IF=7A, TA=25°C, per leg
VF
0.59
V
IF=7A, TA=125°C, per leg
0.54
Maximum DC Reverse Current at Rated DC Blocking
Voltage
3
TA = 25°C
IR
0.2
mA
TA = 125°C
15
Typical Junction Capacitance
1
CJ
250
pF
Typical Thermal Resistance
2
RθJC
8
°C / W
Voltage Rate Of Chance (Rated VR)
dv / dt
10000
V / µs
Operating Temperature Range TJ
TJ
-50~150
°C
Storage Temperature Range TSTG
TSTG
-65~150
°C
Notes:
1.
Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2.
Thermal Resistance Junction to Case.
3.
Pulse test: 300µS pulse width, 2% duty cycle.
ITO-220
A
M
J
K
L
L
G
F
B
N
D
E
C
H
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
14.60
15.60
H
3.00
3.80
B
9.50
10.50
J
0.90
1.50
C
12.60
13.70
K
0.50
0.90
D
4.30
4.70
L
2.34
2.74
E
2.50
3.2
M
2.40
2.90
F
2.40
2.80
N
φ 3.0
φ 3.4
G
0.30
0.70


Similar Part No. - SP1560

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
SP1560 SHUNYE-SP1560 Datasheet
1Mb / 3P
SURFACE MOUNT SCHOTTKY BA R RIER RECTIFIER
V2.22
logo
Gaomi Xinghe Electronic...
SP1560L GXELECTRONICS-SP1560L Datasheet
498Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Dongguan City Niuhang E...
SP1560L NIUHANG-SP1560L Datasheet
3Mb / 3P
LOW VF SCHOTTKY RECTIFIERS
logo
Zibo Seno Electronic En...
SP1560L ZSELEC-SP1560L Datasheet
189Kb / 2P
15.0 A SUPER BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
SP1560L SHUNYE-SP1560L Datasheet
1Mb / 3P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
V2.22
More results

Similar Description - SP1560

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MBR1535CT FAIRCHILD-MBR1535CT Datasheet
44Kb / 3P
15 Ampere Schottky Barrier Rectifiers
logo
Bytes
1N5817 BYTES-1N5817 Datasheet
152Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR220 BYTES-SR220 Datasheet
153Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
First Components Intern...
FBR1535 FCI-FBR1535 Datasheet
122Kb / 2P
15 Amp SCHOTTKY BARRIER RECTIFIERS
logo
Compact Technology Corp...
SB220 CTC-SB220_1 Datasheet
65Kb / 2P
SCHOTTKY BARRIER RECTIFIERS (DO-15)
logo
First Components Intern...
FBRF1520 FCI-FBRF1520 Datasheet
877Kb / 2P
15 Amp SCHOTTKY BARRIER RECTIFIERS MEETS UL SPECIFICATION 94V-0
logo
SeCoS Halbleitertechnol...
SMPB1545L SECOS-SMPB1545L Datasheet
198Kb / 2P
15 Amp Surface Mount Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SR1520D GWSEMI-SR1520D Datasheet
67Kb / 2P
15 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SMPB1545L SECOS-SMPB1545L_15 Datasheet
198Kb / 2P
15 Amp Surface Mount Schottky Barrier Rectifiers
SP1560 SECOS-SP1560_15 Datasheet
270Kb / 2P
15 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com