Electronic Components Datasheet Search
  English  ▼

X  

SP10200 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SP10200
Description  10.0AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SP10200 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SP10200 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SP10200 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
UNITS
V
2.0
-50
+150
-65
+175
NOTES:
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2. Thermal Resistance Junction to Case.
Operating
Storage Temperature Range TSTG
Temperature Range TJ
C
C
C/W
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Working Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage (I = 5 Amps,T = 25 C)
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
Typical Junction Capacitance (Note1)
10
0.02
10
V
V
A
A
V
mA
mA
pF
SP10200
200
200
200
120
F
A
Maximum Instantaneous Forward Voltage (I = 5 Amps,T = 125 C)
F
A
350
0.
80
0.92
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 2.24 grams(Approximately)
Any changing of specification will not be informed individual
SP10200
VOLTAGE 200V
10.0AMP Schottky Barrier Rectifiers
2.8
0.3
4.5
0.2
0.5
0.2
2.6
0.2
2.54
0.2
0.7
0.2
2.54
0.2
1.2
0.3
10
0.5
3.2
0.2
0.1
PIN 1
PIN 3
PIN 2
CASE
Dimensions in millimeters
ITO-220
-
-20
Rev.
Page 1 of 2
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free
Typical
J
(Note )
http://www.SeCoSGmbH.com


Similar Part No. - SP10200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP10200 ETC2-SP10200 Datasheet
523Kb / 2P
10.0AMP Schottky Barrier Rectifiers
logo
Jinan Jing Heng Electro...
SP10200 JINGHENG-SP10200 Datasheet
504Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
SP10200 SHUNYE-SP10200 Datasheet
1Mb / 3P
SURFACE MOUNT SCHOTTKY BA R RIER RECTIFIER
V2.22
logo
PACELEADER INDUSTRIAL
SP10200C PACELEADER-SP10200C Datasheet
446Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
Gaomi Xinghe Electronic...
SP10200L GXELECTRONICS-SP10200L Datasheet
572Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SP10200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP10200 ETC2-SP10200 Datasheet
523Kb / 2P
10.0AMP Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SR1040S SECOS-SR1040S Datasheet
178Kb / 2P
10.0AMP Schottky Barrier Rectifiers
SR1045 SECOS-SR1045 Datasheet
225Kb / 2P
10.0AMP Schottky Barrier Rectifiers
SR10150 SECOS-SR10150 Datasheet
110Kb / 2P
10.0AMP Schottky Barrier Rectifiers
SBR1060 SECOS-SBR1060_08 Datasheet
401Kb / 2P
10.0AMP Schottky Barrier Rectifiers
SP1040 SECOS-SP1040_10 Datasheet
526Kb / 2P
10.0AMP Schottky Barrier Rectifiers
SP1060 SECOS-SP1060 Datasheet
519Kb / 2P
10.0AMP Schottky Barrier Rectifiers
SM1020D1 SECOS-SM1020D1_15 Datasheet
285Kb / 2P
10.0Amp. Schottky Barrier Rectifiers
SP1060S SECOS-SP1060S_15 Datasheet
389Kb / 2P
10.0AMP Schottky Barrier Rectifiers
logo
Bytesonic Electronics C...
SR1020 BYTESONIC-SR1020 Datasheet
401Kb / 2P
10.0AMP SCHOTTKY BARRIER RECTIFIERS
Version 1.0 2014/11/10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com