Electronic Components Datasheet Search
  English  ▼

X  

SPK1245 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SPK1245
Description  12Amp General Purpose Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SPK1245 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SPK1245 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SPK1245 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPK1245
Voltage 45V
12Amp General Purpose Rectifiers
Elektronische Bauelemente
17-Feb-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
C
B
A
D
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Guard ring for overvoltage protection.
Very small conduction losses.
Low forward voltage drop.
MECHANICAL DATA
Case Material:Molded Plastic. UL Flammability
Classification Rating 94V-O
Terminals:Lead free Plating (Tin Finish)
Solderable per MIL-STD-202, Method 208
Polarity:Cathode Band
Weight:1.986 grams (approximate)
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
45
V
Maximum RMS Voltage
VRMS
31.5
V
Maximum DC Blocking Voltage
VDC
45
V
Maximum Average Forward Rectified Current
I(AV)
12
A
Peak Forward Surge Current 8.3ms single half sine-wave
superimposed on rated load
IFSM
200
A
Maximum Instantaneous Forward Voltage IF=12A @ 25°C
VF
0.55
V
Maximum DC Reverse Current at rated DC
blocking voltage
TC=25°C
IR
0.5
mA
TC=100°C
25
Typical Junction Capacitance
1
CJ
750
pF
Typical Thermal Resistance
RθJA
12
°C / W
Operating and Storage Temperature Range
TJ
-55 ~ 150
°C
Storage Temperature Range
TSTG
-55 ~ 175
°C
Notes:
1.
Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
R-6
REF.
Millimeter
Min.
Max.
A
25.4 REF
B
8.6
9.1
C
8.6
9.1
D
1.2
1.3


Similar Part No. - SPK1245

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SPK1245 RECTRON-SPK1245 Datasheet
101Kb / 3P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 45 Volts CURRENT 12 Amperes
SPK1245-C-S-A01 RECTRON-SPK1245-C-S-A01 Datasheet
522Kb / 3P
SCHOTTKY BARRIER SOLAR RECTIFIE VOLTAGE 45 Volts CURRENT 12 Amperes
logo
SeCoS Halbleitertechnol...
SPK1245 SECOS-SPK1245_15 Datasheet
292Kb / 2P
12.0Amp Schottky Barrier Rectifiers
More results

Similar Description - SPK1245

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
GENERAL PURPOSE RECTIFIERS
logo
Fairchild Semiconductor
S1A FAIRCHILD-S1A Datasheet
68Kb / 3P
General Purpose Rectifiers
logo
Shindengen Electric Mfg...
LN25XB60 SHINDENGEN-LN25XB60 Datasheet
178Kb / 6P
GENERAL PURPOSE RECTIFIERS
logo
Shenzhen Taychipst Elec...
BY251 TAYCHIPST-BY251 Datasheet
623Kb / 2P
GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
General Purpose Rectifiers
logo
Compact Technology Corp...
GS2A CTC-GS2A Datasheet
90Kb / 2P
GENERAL PURPOSE RECTIFIERS
logo
Fairchild Semiconductor
1N5393 FAIRCHILD-1N5393_13 Datasheet
138Kb / 5P
General-Purpose Rectifiers
logo
Comchip Technology
CGR1A7-HF COMCHIP-CGR1A7-HF Datasheet
85Kb / 3P
General Purpose Rectifiers
logo
Hi-Sincerity Mocroelect...
H1N400X HSMC-H1N400X Datasheet
23Kb / 2P
General Purpose Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com