Electronic Components Datasheet Search
  English  ▼

X  

SR340 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SR340
Description  3.0 AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SR340 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SR340 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SR340 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SR320 ~ SR3100
VOLTAGE 20 ~ 100 V
3.0 AMP Schottky Barrier Rectifiers
Elektronische Bauelemente
29-Oct-2009 Rev. E
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
Epitaxial construction
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 1.10 grams (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25°C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
PARAMETERS
SYMBOL
PART NUMBERS
UNITS
SR
320
SR
330
SR
340
SR
360
SR
380
SR
3100
Recurrent Peak Reverse Voltage (Max.)
VRRM
20
30
40
60
80
100
V
Working Peak Reverse Voltage
VRWM
20
30
40
60
80
100
V
DC Blocking Voltage (Max.)
VDC
20
30
40
60
80
100
V
Average Forward Rectified Current (Max.)
1
IAV
3.0
A
Peak Forward Surge Current, 8.3 ms single
half sine-wave superimposed on rated load
(JEDEC method)
IFSM
80
A
Instantaneous Forward Voltage at 3.0A
VF
0.52
0.65
0.83
V
DC Reverse Current
TA=25°C
IR
0.3
mA
TA=100°C
30
Junction Capacitance (Typ.)
1
CJ
250
pF
Thermal Resistance (Typ.)
2
RθJA
25
°C/W
Operating & Storage Temperature
TJ ,TSTG
-50~150, -65~175
°C
Note:1. Measuredat 1 MHz and applied reverse voltage of 4.0V D.C
2. Thermal Resistance Junction to Ambient
A
C
B
A
D
REF.
Millimeter
Min.
Max.
A
25.4 (TYP)
B
7.20
9.53
C
5.00
5.60
D
1.20
1.32
DO-27


Similar Part No. - SR340

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR340 WTE-SR340 Datasheet
47Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR340 RECTRON-SR340 Datasheet
230Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 3.0 Amperes)
logo
Bytes
SR340 BYTES-SR340 Datasheet
153Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Lunsure Electr...
SR340 CHENYI-SR340 Datasheet
165Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SR340 FORMOSA-SR340 Datasheet
33Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR340

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SR320P FORMOSA-SR320P Datasheet
62Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
First Components Intern...
SMC320 FCI-SMC320 Datasheet
127Kb / 2P
3.0 Amp SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM3200B SECOS-SM3200B_11 Datasheet
102Kb / 2P
3.0 Amp Schottky Barrier Rectifiers
SR3200 SECOS-SR3200_05 Datasheet
147Kb / 2P
3.0 Amp Schottky Barrier Rectifiers
SM3200B SECOS-SM3200B_15 Datasheet
89Kb / 2P
3.0 Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SR3100-3A-751-DO-27 DGNJDZ-SR3100-3A-751-DO-27 Datasheet
273Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR3100-3A-DO-27 DGNJDZ-SR3100-3A-DO-27 Datasheet
256Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR3200V-3A-DO-27 DGNJDZ-SR3200V-3A-DO-27 Datasheet
256Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SB330-3A-DO-27 DGNJDZ-SB330-3A-DO-27 Datasheet
281Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SB3150-3A-DO-27 DGNJDZ-SB3150-3A-DO-27 Datasheet
281Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com