Electronic Components Datasheet Search
  English  ▼

X  

SR560 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SR560
Description  5.0AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SR560 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SR560 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SR560 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
SR520 THRU SR560
VOLTAGE 20V ~ 60V
5.0AMP Schottky Barrier Rectifiers
DO-27
Dimensions in inches and (millimeters)
.052(1.3)
.043(1.1)
DIA.
.220(5.6)
.189(4.8)
DIA.
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.375(9.5)
.285(7.2)
FEATURES
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 1.10 grams
1.Measured at 1MHzand applied reversevoltage of 4.0VD.C.
2.ThermalResistance Junction to Lead.
5.0
100
0.52
SR520
20
20
20
SR530
30
30
30
SR540
45
45
45
0.65
SR560
60
60
60
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Working Peak ReverseVoltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig.1
Peak ForwardSurgeCurrent,8.3ms single half sine-wave
superimposed on rated load (JEDEC method)
MaximumInstantaneousForward Voltageat 5.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DCBlocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
TypicalThermalResistanceR JL(Note2)
A
A
V
mA
mA
pF
0.5
20
15
380
UNITS
Operating Temperature Range TJ
Storage Temperature Range TSTG
C
C
C/W
V
V
V
-50 +150
-65 +175
θ
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating25Cambient temperatureunlessotherwisespecified.
Singlephasehalf wave,60Hz,resistiveor inductive load.
Forcapacitiveload,deratecurrent by 20%.
NOTES:
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free
18-May-2010 Rev. E
(Note3)
3.Pluse test: 300us pulse width, 1% duty cycle.


Similar Part No. - SR560

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR560 WTE-SR560 Datasheet
50Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR560 RECTRON-SR560 Datasheet
24Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 5.0 Amperes)
logo
Bytes
SR560 BYTES-SR560 Datasheet
153Kb / 2P
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Lunsure Electr...
SR560 CHENYI-SR560 Datasheet
164Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Dc Components
SR560 DCCOM-SR560 Datasheet
427Kb / 2P
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR560

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SDR5200S SECOS-SDR5200S Datasheet
715Kb / 2P
5.0AMP Schottky Barrier Rectifiers
SM540A SECOS-SM540A Datasheet
236Kb / 2P
5.0Amp Schottky Barrier Rectifiers
SM560A SECOS-SM560A Datasheet
339Kb / 2P
5.0Amp Schottky Barrier Rectifiers
SP0560S SECOS-SP0560S Datasheet
479Kb / 2P
5.0AMP Schottky Barrier Rectifiers
SR520 SECOS-SR520 Datasheet
215Kb / 2P
5.0AMP Schottky Barrier Rectifiers
SM5100B SECOS-SM5100B Datasheet
561Kb / 2P
5.0Amp Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
SB5150 CYSTEKEC-SB5150 Datasheet
519Kb / 3P
5.0Amp Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SDR5100SF SECOS-SDR5100SF_15 Datasheet
383Kb / 2P
5.0AMP Schottky Barrier Rectifiers
SDR5200SF SECOS-SDR5200SF_15 Datasheet
701Kb / 2P
5.0AMP Schottky Barrier Rectifiers
SR5150S SECOS-SR5150S_15 Datasheet
125Kb / 2P
5.0AMP Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com