Electronic Components Datasheet Search
  English  ▼

X  

SR2200 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SR2200
Description  2.0 Amp Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SR2200 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SR2200 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SR2200 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SR2200
VOLTAGE 200 V
2.0 Amp Schottky Barrier Rectifiers
Elektronische Bauelemente
24-May-2010 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
Epitaxial construction
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL94V-1 rate flame retardant
Lead: Lead solderable per MIL-STD-202
method 208 guaranteed
Polarity: As Marked
Mounting position: Any
Weight: 0.093 grams (Approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
°C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
VALUES
UNITS
Maximum Recurrent Peak Reverse Voltage
200
V
Working Peak Reverse Voltage
200
V
Maximum DC Blocking Voltage
200
V
Maximum Average Forward Rectified Current
See Fig. 1
2
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
Superimposed on rated load (JEDEC method)
50
A
Maximum Instantaneous Forward Voltage (IF = 2 Amps, TA = 25°C)
Maximum Instantaneous Forward Voltage (IF = 2 Amps, TA = 125°C)
0.90
0.72
V
Maximum DC Reverse Current at Rated DC
Blocking Voltage (Note 3)
TA = 25°C
TA = 125°C
0.2
8
mA
Typical Junction Capacitance (Note 1)
70
pF
Typical Thermal Resistance RJL (Note 2)
10
°C /W
Voltage Rate of Chance (Rated VR)
10000
V/us
Operating Temperature Range TJ
-50 ~ +150
°C
Storage Temperature Range TSTG
-65 ~ +175
°C
NOTES:
1.
Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2.
Thermal Resistance Junction to Lead.
3.
Pulse test: 300us pulse width, 1% duty cycle.
REF.
Millimeter
Min.
Max.
A
25.4 (TYP)
B
5.80
7.62
C
2.60
3.60
D
-
0.90
DO-15
A
C
B
A
D


Similar Part No. - SR2200

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SR2200 RECTRON-SR2200 Datasheet
223Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 2.0 Ampere
logo
Jinan Jingheng (Group) ...
SR2200 JINANJINGHENG-SR2200 Datasheet
68Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Gaomi Xinghe Electronic...
SR2200 GXELECTRONICS-SR2200 Datasheet
321Kb / 2P
SCHOTTKY BARRIER RECTIFLER
logo
Shenzhen Luguang Electr...
SR2200 LUGUANG-SR2200 Datasheet
1Mb / 2P
2.0A Schottky Barrier Rectifiers
logo
Microdiode Semiconducto...
SR2200 CHENDA-SR2200 Datasheet
127Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR2200

ManufacturerPart #DatasheetDescription
logo
Bytes
SR220 BYTES-SR220 Datasheet
153Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
First Components Intern...
SR220 FCI-SR220 Datasheet
132Kb / 2P
2.0 Amp SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SR220 UNIOHM-SR220 Datasheet
65Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Goodwork Semiconductor ...
SR220 GWSEMI-SR220 Datasheet
63Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR2150 GWSEMI-SR2150 Datasheet
63Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM2200A SECOS-SM2200A_15 Datasheet
249Kb / 2P
2.0 Amp Schottky Barrier Rectifiers
SR2200 SECOS-SR2200_15 Datasheet
303Kb / 2P
2.0 Amp Schottky Barrier Rectifiers
logo
DIYI Electronic Technol...
SB220 DYELEC-SB220 Datasheet
943Kb / 2P
2.0 AMP. Schottky Barrier Rectifiers
SB220U DYELEC-SB220U Datasheet
997Kb / 2P
2.0 AMP. Schottky Barrier Rectifiers
logo
Shenzhen Yixinwei Techn...
SS210L YIXIN-SS210L Datasheet
265Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com