Electronic Components Datasheet Search
  English  ▼

X  

SS8050W Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SS8050W
Description  NPN Silicon General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SS8050W Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SS8050W Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SS8050W Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
SS8050W
NPN Silicon
General Purpose Transistor
Power dissipation
PCM : 0.2 W
Collector Current
ICM : 1.5 A
Collector-base voltage
FEATURES
Collector
3
1
Base
2
Emitter
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= 100
μA, IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= 0.1mA
, IB=0
25
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100
μA, IC=0
5
V
Collector cut-off current
ICBO
VCB=40 V ,
IE=0
0.1
μA
Collector cut-off current
ICEO
VCE=20V ,
IB=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V ,
IC=0
0.1
μA
HFE(1)
VCE=1V,
IC= 50m A
120
350
DC current gain
HFE(2)
VCE=1V,
IC=500mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=500 mA, IB= 50m A
0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=500 mA, IB= 50m A
1.2
V
Transition frequency
fT
VCE=6V,
IC= 20mA
f=30MHz
100
MHz
CLASSIFICATION OF hFE(1)
Rank
L
H
Range
120-200
200-350
1
2
ELECTRICAL CHARACTERISTICS ( Tamp.=25
OC unless otherwise specified)
V(BR)CBO : 40 V
Operating & storage junction temperature
Tj, Tstg : - 55
O
C ~ + 150
O
C
3
Marking : Y1
01-Jun-2002 Rev. A
Page 1 of 2
Dim
Min
Max
A
1.800
2.200
B
1.150
1.350
C
0.800
1.000
D
0.300
0.400
G
1.200
1.400
H
0.000
0.100
J
0.100
0.250
K
0.350
0.500
L
0.590
0.720
S
2.000
2.400
V
0.280
0.420
All Dimension in mm
SOT-323
RoHS Compliant Product


Similar Part No. - SS8050W

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SS8050W BILIN-SS8050W Datasheet
160Kb / 4P
Silicon Epitaxial Planar Transistor
logo
Diode Semiconductor Kor...
SS8050W DSK-SS8050W Datasheet
289Kb / 4P
Silicon Epitaxial Planar Transistor
logo
Galaxy Semi-Conductor H...
SS8050W BILIN-SS8050W Datasheet
193Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
SHIKUES Electronics
SS8050W SKTECHNOLGY-SS8050W Datasheet
832Kb / 3P
TRANSISTOR (NPN)
logo
Galaxy Semi-Conductor H...
SS8050W BILIN-SS8050W_14 Datasheet
193Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
More results

Similar Description - SS8050W

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
NPN Silicon General Purpose Transistor
logo
Zowie Technology Corpor...
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
NPN Silicon General Purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com