Electronic Components Datasheet Search
  English  ▼

X  

SS8550W Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SS8550W
Description  PNP Silicon General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SS8550W Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SS8550W Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SS8550W Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
SS8550W
PNP Silicon
General Purpose Transistor
Power dissipation
PCM : 0.2 W
Collector Current
ICM : -1.5 A
Collector-base voltage
FEATURES
Collector
3
1
Base
2
Emitter
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= 100
μA, IE=0
-40
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=-0.1mA
, IB=0
-25
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100
μA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-40 V ,
IE=0
-0.1
μA
Collector cut-off current
ICEO
VCE=-20V ,
IB=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=-5V ,
IC=0
-0.1
μA
HFE(1)
VCE=-1V,
IC=-100m A
120
350
DC current gain
HFE(2)
VCE=-1V,
IC=-800mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=-800 mA, IB= -80m A
-0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=-800 mA, IB= -80m A
-1.2
V
Transition frequency
fT
VCE=-10V,
IC=-50mA
f=30MHz
100
MHz
CLASSIFICATION OF hFE(1)
Rank
L
H
Range
120-200
200-350
1
2
ELECTRICAL CHARACTERISTICS ( Tamp.=25
OC unless otherwise specified)
V(BR)CBO : - 40 V
Operating & storage junction temperature
Tj, Tstg : - 55
O
C ~ + 150
O
C
3
Marking : Y2
output capacitance
(VCB=-10V,IE=0,f=1MHz)
20
01-Jun-2002 Rev. A
Page 1 of 2
Dim
Min
Max
A
1.800
2.200
B
1.150
1.350
C
0.800
1.000
D
0.300
0.400
G
1.200
1.400
H
0.000
0.100
J
0.100
0.250
K
0.350
0.500
L
0.590
0.720
S
2.000
2.400
V
0.280
0.420
All Dimension in mm
SOT-323
RoHS Compliant Product


Similar Part No. - SS8550W

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SS8550W BILIN-SS8550W Datasheet
162Kb / 4P
Silicon Epitaxial Planar Transistor
logo
Diode Semiconductor Kor...
SS8550W DSK-SS8550W Datasheet
278Kb / 4P
Silicon Epitaxial Planar Transistor
logo
Galaxy Semi-Conductor H...
SS8550W BILIN-SS8550W Datasheet
182Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
SS8550W BILIN-SS8550W Datasheet
309Kb / 4P
Silicon Epitaxial Planar Transistor
SS8550W BILIN-SS8550W_14 Datasheet
182Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
More results

Similar Description - SS8550W

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
Weitron Technology
A733LT1 WEITRON-A733LT1 Datasheet
1Mb / 4P
General Purpose Transistor PNP Silicon
BC807-16 WEITRON-BC807-16 Datasheet
322Kb / 4P
General Purpose Transistor PNP Silicon
MMBT3906 WEITRON-MMBT3906 Datasheet
300Kb / 6P
General Purpose Transistor PNP Silicon
logo
SeCoS Halbleitertechnol...
2N2907A SECOS-2N2907A Datasheet
210Kb / 5P
PNP Silicon General Purpose Transistor
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
PNP Silicon General Purpose Transistor
2SA1576F SECOS-2SA1576F Datasheet
439Kb / 3P
PNP Silicon General Purpose Transistor
2SB709A SECOS-2SB709A Datasheet
564Kb / 3P
PNP Silicon General Purpose Transistor
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com