Electronic Components Datasheet Search
  English  ▼

X  

SSG4392N Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4392N
Description  N-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4392N Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG4392N Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4392N Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4392N Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4392N Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSG4392N
2.9A, 150V, RDS(ON) 255 m
N-Ch Enhancement Mode Power MOSFET
12-May-2011 Rev. B
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Static
Gate-Threshold Voltage
VGS(th)
1
-
-
V
VDS=VGS, ID=250μA
Gate-Body Leakage
IGSS
-
-
±10
nA
VDS=0, VGS= ±20V
-
-
1
VDS=120V, VGS=0
Zero Gate Voltage Drain Current
IDSS
-
-
25
μA
VDS=120V, VGS=0, TJ= 55°C
On-State Drain Current
1
ID(on)
1.5
-
-
A
VDS=5V, VGS=10V
-
-
255
VGS=10V, ID=2.3A
Drain-Source On-Resistance
1
RDS(ON)
-
-
290
mΩ
VGS=4.5V, ID=2.2A
Forward Transconductance
1
gfs
-
10
-
S
VDS=15V, ID=2.3A
Diode Forward Voltage
VSD
-
0.7
-
V
IS=2A, VGS=0
Dynamic
2
Input Capacitance
Ciss
-
920
Output Capacitance
Coss
-
101
Reverse Transfer Capacitance
Crss
-
77
pF
VDS=15V
VGS=0
f=1MHz
Total Gate Charge
Qg
-
12
-
Gate-Source Charge
Qgs
-
3.3
-
Gate-Drain Charge
Qgd
-
6.5
-
nC
ID=2.3A
VDS=75V
VGS=4.5V
Turn-On Delay Time
Td(on)
-
10
-
Rise Time
Tr
-
11
-
Turn-Off Delay Time
Td(off)
-
59
-
Fall Time
Tf
-
23
-
ns
VDD=75V
ID=2.3A
VGEN=10V
RL= 32.3Ω
RGEN=6Ω
Notes:
1
Pulse test:PW ≦ 300μs duty cycle ≦ 2%.
2
Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com