Electronic Components Datasheet Search
  English  ▼

X  

SSG4410 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4410
Description  N-Ch Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4410 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG4410 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4410 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4410 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4410 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSG4410 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Elektronische Bauelemente
SSG4410
10 A, 30V, RDS(ON) 13.5 m
N-Ch Enhancement Mode Power MOSFET
23-Dec-2010 Rev. B
Page 2 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS=0V, ID =250uA
Breakdown Voltage
Temperature Coefficient
△
BVDSS / △TJ
-
0.037
-
V / °C Reference to 25°C, ID=1mA
Gate Threshold Voltage
VGS(th)
1.0
-
3.0
V
VDS=VGS, ID =250uA
Forward Transconductance
gfs
-
20
-
S
VDS=15V, ID =10A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS=±20V
Drain-Source Leakage
Current(TJ=25°C)
-
-
1
μA
VDS=30V, VGS=0V
Drain-Source Leakage
Current(TJ=55°C)
IDSS
-
-
25
μA
VDS=24V, VGS=0V
-
11.5
13.5
VGS=10V, ID=10A
Static Drain-Source On-Resistance
RDS(ON)
-
16.5
20
mΩ
VGS=4.5V, ID=5A
Total Gate Charge
2
Qg
-
20
-
Gate-Source Chagre
Qgs
-
3
-
Gate-Drain (“Miller”) Change
Qgd
-
11
-
nC
VDS=15V, ID =10A, VGS=5V
Turn-on Delay Time
2
Td(ON)
-
7.5
-
Rise Time
Tr
-
10.2
-
Turn-off Delay Time
Td(OFF)
-
29
-
Fall Time
Tf
-
33
-
nS
VDS=25V, VGS=5V
I D=1A, RD=25Ω, RG=3.3Ω
Input Capacitance
CISS
-
955
-
Output Capacitance
COSS
-
555
-
Reverse Transfer Capacitance
CRSS
-
204
-
pF
VDS=15V
VGS=0V
f=1.0MHz
Source-Drain Diode
Forward On Voltage
2
VSD
-
-
1.3
V
IS=2.3A, VGS= 0V, TJ=25°C
Continuous Source
Current (Body Diode)
IS
-
-
2.3
A
VD = VG = 0V, VS= 1.3V
Pulsed Source
Current (Body Diode)
1
ISM
-
-
50
A
Notes:
1.
Pulse width limited by safe operating area.
2.
Pulse width
300 μs, duty cycle
2
≦≦ %
.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com