Electronic Components Datasheet Search
  English  ▼

X  

SSMG501 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSMG501
Description  Low Power Constant Current LED Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSMG501 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSMG501 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSMG501 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSMG501 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSMG501 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSMG501 Series
Low Power Constant Current LED Driver
11-Dec-2009 Rev. B
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
BLOCK DIAGRAMS PER CHANNEL AND IDEAL IV CHARACTERISTICS
TERMINAL DESCRIPTION
Pin name
Function
Pin #
VDD
Power supply
2
VP
Current in
1
VN
Current out
3
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
0 ~ 17
V
Output Voltage
VP
-0.2 ~ 20
V
Output Current
IPN
IS** +10%
mA
Power Dissipation
PD
250
mW
Thermal Resistance
R
θJA
300
/W
℃
Operating Temperature
TOPR
-40 ~ +85
℃
Storage Temperature
TSTG
-55 ~ +150
℃
ELECTRICAL CHARACTERISTICS AND RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
Room Temp.
1.6
-
12
V
Supply Current
IDD
-
100
150
250
µA
VDD=5V, IP
I
≒
S**
0.4
-
17
V
VDD=3V, IP
I
≒
S**
0.45
-
17
V
Output Voltage
VP
VDD=1.7V, IP
I
≒
S**
1.2
-
17
V
Output Current
IS
Spec
15
-
30
mA
Leakage
ILeakage
0.4V > VDD > 0V, VP=15V
1
-
5
µA
Line Regulation
%/VDD
12V > VDD > 1.6V
-
-
±1
%/V
Load Regulation
%/VP
10V > VP > 1.6V
-
-
±1
%/V
Thermal Regulation
%/10℃
VDD=VP=2V
-
-
±0.5
%/10℃
Threshold Voltage
Viboost
IP=IS*1.1
11
12
13
V
Current Boost
Iboost
VP=Viboost
7
10
13
%* IS
**
Is is output saturation current.
SWITCHING CHARACTERISTICS (TA = 25°C)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
Propagation Delay Time VDD “L”
→”H”
tpLH
VP=1V, VDD=0V
→3V
-
1
-
µS
Output Current Rising Time
tRise
VP=1V, VDD=0V
→3V
-
1.5
5
µS
Propagation Delay Time VDD “H”
→”L”
tpHL
VP=1V, VDD=3V
→0V
-
1
-
µS
Output Current Falling Time
tFall
VP=1V, VDD=3V
→0V
-
1.5
5
µS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com