Electronic Components Datasheet Search
  English  ▼

X  

SSP7434N Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSP7434N
Description  N-Channel Enhancement MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSP7434N Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSP7434N Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSP7434N Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SSP7434N
27 A, 30 V, RDS(ON) 4.9 m
N-Channel Enhancement MOSFET
Elektronische Bauelemente
27-Jul-2010 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
These miniature surface mount MOSFETs utilize a high cell density trench process
to provide low RDS(on) and to ensure minimal power loss and heat dissipation.
Typical applications are DC-DC converters and power management in
portable and battery-powered products such as computers, printers,
PCMCIA cards, cellular and cordless telephones.
FEATURES
Low RDS(on) provides higher efficiency and extends battery life.
Low thermal impedance copper leadframe SOP-8PP saves board
space.
Fast switching speed.
High performance trench technology.
PRODUCT SUMMARY
PRODUCT SUMMARY
VDS(V)
RDS(on) (m
ID(A)
30
4.9@VGS= 10V
27
5.9@VGS= 4.5V
24
ABSOLUTE MAXIMUM RATINGS AND THERMAL DATA(TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
20
V
Continuous Drain Current
A
TA=25°C
ID
24
A
TA=70°C
20
Pulsed Drain Current
B
IDM
60
A
Continuous Source Current (Diode Conduction)
A
IS
2.9
A
Power Dissipation
A
TA=25°C
PD
5.0
W
TA=70°C
3.2
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 ~ 150
°C
THERMAL RESISTANCE DATA
Maximum Junction to Ambient
A
t≦10 sec
RθJA
25
°C / W
Steady-State
65
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature.

Gate

Source

Drain
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.00
1.10
θ
0
°
12
°
B
5.70
5.80
b
0.33
0.51
C
0.20
0.30
d
1.27BSC
D
3.61
3.98
e
1.35
1.75
E
5.40
6.10
g
1.10
-
F
0.08
0.20
G
3.60
3.99
SOP-8PP
B
E
F
G
g
A
e
b
θ
D
C
d


Similar Part No. - SSP7434N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSP7430N SECOS-SSP7430N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7430N SECOS-SSP7430N_15 Datasheet
209Kb / 2P
N-Channel Enhancement MOSFET
SSP7431P SECOS-SSP7431P Datasheet
513Kb / 4P
P-Channel Enhancement MOSFET
logo
VBsemi Electronics Co.,...
SSP7431P VBSEMI-SSP7431P Datasheet
989Kb / 7P
P-Channel 30 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SSP7431P SECOS-SSP7431P_15 Datasheet
564Kb / 4P
P-Channel Enhancement MOSFET
More results

Similar Description - SSP7434N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
N-Channel Enhancement MOSFET
KX6N70F KEXIN-KX6N70F Datasheet
4Mb / 4P
N-Channel Enhancement MOSFET
SI2324DS KEXIN-SI2324DS Datasheet
2Mb / 6P
N-Channel Enhancement MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com