Electronic Components Datasheet Search
  English  ▼

X  

SSP7442N Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSP7442N
Description  N-Channel Enhancement MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSP7442N Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSP7442N Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSP7442N Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SSP7442N
20 A, 40 V, RDS(ON) 9 m
N-Channel Enhancement MOSFET
Elektronische Bauelemente
28-Jul-2010 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
PARAMETER
SYMBO MIN TYP MAX UNIT
TEST CONDITIONS
Static
Gate-Threshold Voltage
VGS(th)
1
-
-
V
VDS = VGS, ID = 250μA
Gate-Body Leakage
IGSS
-
-
±
100
nA
VDS = 0V, VGS= 20V
Zero Gate Voltage Drain Current
IDSS
-
-
1
μA
VDS = 32V, VGS= 0V
-
-
25
VDS = 32V, VGS= 0V, TJ=55°C
On-State Drain Current
A
ID(ON)
34
-
-
A
VDS = 5V, VGS= 10V
Drain-Source On-Resistance
A
RDS(ON)
-
-
9
mΩ
VGS= 10V, ID = 7.5A
-
-
12
VGS= 4.5V, ID = 7A
Forward Transconductance
A
gFS
-
22
-
S
VDS= 15V,,ID = 7.5A
Diode Forward Voltage
VSD
-
1.1
-
V
IS= 2.1A, VGS= 0V
Dynamic
b
Total Gate Charge
Qg
-
4.0
-
nC
ID= 7.5A
VDS= 15V
VGS= 4.5V
Gate-Source Charge
Qgs
-
1.1
-
Gate-Drain Charge
Qgd
-
1.4
-
Turn-On Delay Time
Td(ON)
-
16
-
nS
ID= 34A, VDD= 25V
VGEN= 10V
RL= 25Ω
Rise Time
Tr
-
5
-
Turn-Off Delay Time
Td(OFF)
-
23
-
Fall Time
Tf
-
3
-
Notes
a.
Pulse test:PW ≦ 300 us duty cycle ≦ 2%.
b.
Guaranteed by design, not subject to production testing.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com