Electronic Components Datasheet Search
  English  ▼

X  

STT3520C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # STT3520C
Description  N & P-Channel Enhancement Mode Mos.FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT3520C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  STT3520C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT3520C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT3520C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT3520C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH STT3520C Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH STT3520C Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH STT3520C Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
STT3520C
N-Ch: 3.7 A, 23 V, RDS(ON) 58 m
P-Ch: -2.7 A, -23 V, RDS(ON) 112 m
N & P-Channel Enhancement Mode Mos.FET
Elektronische Bauelemente
02-Dec-2010 Rev. A
Page 2 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
THERMAL RESISTANCE RATINGS
Parameter
Symbol
N-Channel
P-Channel
Unit
Typ
Max
Typ
Max
Maximum Junction to Ambient
1
t ≦ 10 sec
RJA
93
110
93
110
℃
/ W
Steady State
130
150
130
150
Notes
1
Surface Mounted on 1” x 1” FR4 Board.
2
Pulse width limited by maximum junction temperature.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol Min.
Typ.
Max.
Unit
Test Conditions
Gate-Threshold Voltage
N-Ch
VGS(th)
1
-
-
V
VDS=VGS, ID=250uA
P-Ch
-1
-
-
VDS=VGS, ID= -250uA
Gate-Body Leakage Current
N-Ch
IGSS
-
-
100
uA
VDS= 0 V, VGS= 12 V
P-Ch
-
-
-100
VDS= 0 V, VGS= -12 V
Zero Gate Voltage Drain
Current
N-Ch
IDSS
-
-
1
uA
VDS=16 V, VGS=0 V
P-Ch
-
-
-1
VDS=-16V, VGS=0 V
N-Ch
-
-
10
VDS=16V, VGS=0 V, TJ=55℃
P-Ch
-
-
-10
VDS= -16V, VGS=0 V, TJ=55℃
On-State Drain Current
1
N-Ch
ID(on)
5
-
-
A
VDS = 5V, VGS=4.5 V
P-Ch
-5
-
-
VDS = -5V, VGS= -4.5 V
Drain-Source
On-Resistance
1
N-Ch
RDS(ON)
-
-
58
mΩ
VGS=4.5V, ID= 3.7A
P-Ch
-
-
112
VGS=-4.5V, ID= 3.1A
N-Ch
-
-
82
VGS=2.5V, ID= 2.7A
P-Ch
-
-
172
VGS=-2.5V, ID= -2.2A
N-Ch
-
-
160
VGS=1.8V, ID= 2.2A
P-Ch
-
-
210
VGS=-1.8V, ID= -2.0A
Forward Transconductance
1
N-Ch
gfs
-
10
-
S
VDS= 5V, ID= 3.7A
P-Ch
-
5
-
VDS= -5V, ID= 3.1A
Diode Forward Voltage
1
N-Ch
VSD
-
0.80
-
S
IS= 1.05A, VGS= 0V
P-Ch
-
-0.83
-
IS= -1.05A, VGS= 0V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com