Electronic Components Datasheet Search
  English  ▼

X  

VSMD014 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # VSMD014
Description  Surface Mount Small Signal Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

VSMD014 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  VSMD014 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH VSMD014 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
VSMD014
40 V, 100 mA
Surface Mount Small Signal
Schottky Barrier Rectifier
04-Dec-2009 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
E
E
D
A
B
B
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Lead less chip form, no lead damage
Lead-free solder joint, no wire bond & lead frame
Low power loss, high efficiency
High current capability, low VF
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
APPLICATION
Switching mode power supply applications
Portable equipment battery applications
High frequency rectification
DC / DC converter
Telecommunication
MECHANICAL DATA
Case: Packed with FRP substrate and epoxy underfilled
Terminals: Pure tin-plated (lead-free),
solderable per MIL-STD-750, method 2026.
Polarity: Color cathode band marking
Weight : 0.0015 gram
MARKING
ABSOLUTE MAXIMUM RATINGS
(TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
TEST CONDITION
Peak Repetitive Reverse Voltage
VRRM
40
V
Average Forward Current
IF(AV)
100
mA
Peak Forward Surge Current
IFSM
0.5
A
@ 8.3 ms half single sine-wave
Temperature Range
TJ
125
°C
Operating and Storage Temperature
TOPR, TSTG
-40 ~125, -40~125
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITION
Forward Voltage
VF
-
-
0.35
V
IF = 10mA
Repetitive Peak Reverse Current
IRRM
-
-
0.5
µA
VR =@ 10V, TA = 25°C
0402
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.00
1.20
E
0.20
0.50
B
0.55
0.65
D
0.40
0.50


Similar Part No. - VSMD014

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
VSMD024 SECOS-VSMD024 Datasheet
35Kb / 2P
Surface Mount Small Signal Schottky Barrier Rectifier
More results

Similar Description - VSMD014

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ASD501V-N FORMOSA-ASD501V-N Datasheet
77Kb / 2P
Advanced Schottky Barrier Diodes - Surface mount small signal type
ASD751V-N FORMOSA-ASD751V-N Datasheet
87Kb / 2P
Advanced Schottky Barrier Diodes - Surface mount small signal type
ASD751V-N2 FORMOSA-ASD751V-N2 Datasheet
89Kb / 2P
Advanced Schottky Barrier Diodes - Surface mount small signal type
logo
Cystech Electonics Corp...
CASD501S2 CYSTEKEC-CASD501S2 Datasheet
134Kb / 3P
Surface Mount Small Signal Schottky Barrier Diodes
CASD501SG CYSTEKEC-CASD501SG Datasheet
130Kb / 3P
Surface Mount Small Signal Schottky Barrier Diodes
logo
SeCoS Halbleitertechnol...
UMMD022 SECOS-UMMD022 Datasheet
60Kb / 2P
Surface Mount Small Signal Schottky Barrier Rectifiers
VSMD024 SECOS-VSMD024 Datasheet
35Kb / 2P
Surface Mount Small Signal Schottky Barrier Rectifier
logo
Formosa MS
FM500V-NL FORMOSA-FM500V-NL Datasheet
98Kb / 7P
100mA Surface Mount Small Signal Schottky Barrier Dode-40V
logo
SeCoS Halbleitertechnol...
UMMD022 SECOS-UMMD022_15 Datasheet
43Kb / 2P
Surface Mount Small Signal Schottky Barrier Rectifiers
UMMD07540 SECOS-UMMD07540_15 Datasheet
57Kb / 2P
Surface Mount Small Signal Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com