Electronic Components Datasheet Search
  English  ▼

X  

MBS110 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MBS110
Description  Miniature SMD Glass Schottky Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MBS110 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MBS110 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MBS110 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBS104 ~ MBS110
VOLTAGE 40 V ~ 100 V
1.0 Amp
Miniature SMD Glass Schottky Bridge Rectifiers
Elektronische Bauelemente
28-May-2010 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS compliant product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Halogen-free type
Lead free product, compliance to RoHS
Lead less chip form, no lead damage
Lead-free solder joint, no wire bond & lead frame
Low power loss, High efficiency
High current capability
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
APPLICATION
Suitable for battery – powered circuits
Communication Equipment
MECHANICAL DATA
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026.
Polarity: Laser Cathode band Marking
Weight: 0.07 grams
PACKING
5,000 pieces per 13” (330mm ± 2mm) reel
2 reels per box
5 boxes per carton
MAXIMUM RATINGS AND (TA=25°C unless otherwise specified)
PARAMETERS
SYMBOL
MBS104
MBS106
MBS110
UNIT
Peak Repetitive Peak Reverse Voltage
VRRM
40
60
100
V
Maximum Average Forward Rectified Current
IF(AV)
1.0
A
Peak Forward Surge Current
8.3 ms Single Half Sine-Wave
IFSM
30
A
Operating and Storage temperature range
TJ, TSTG
-55 ~ 125
℃
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
PARAMETERS
Type
SYMBOL
Min.
Typ.
Max.
UNIT
Maximum
Forward
Voltage
@
IF=1.0A
MBS104
VF
-
0.49
0.50
V
MBS106
-
0.60
0.70
MBS110
-
0.75
0.85
Repetitive peak reverse current
(VR = Max.VRRM, TA = 25°C)
IRRM
-
0.025
0.20
mA
Typical Junction Capacitance
CJ
-
-
250
pF
Thermal Resistance junction to ambient (Note)
RθJA
-
110
-
℃
/W
Thermal Resistance junction to lead (Note)
RθJL
-
15
-
Note:
Thermal resistance, junction to ambient, measured on PC board with 5.0mm
2 (0.03mm thick) land areas.
MBC
~
~
A
B
C
D
E
F
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
4.65
4.85
D
2.49
2.59
B
6.05
6.25
E
0.95
1.05
C
1.10
1.30
F
1.35
1.45


Similar Part No. - MBS110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBS10 ETC-MBS10 Datasheet
42Kb / 2P
Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
MBS10 TSC-MBS10 Datasheet
55Kb / 2P
Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
MBS10 TSC-MBS10 Datasheet
167Kb / 2P
Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
MBS10 TSC-MBS10 Datasheet
150Kb / 2P
Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
MBS10 TSC-MBS10 Datasheet
198Kb / 4P
Glass Passivated Bridge Rectifiers
More results

Similar Description - MBS110

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MB205L SECOS-MB205L Datasheet
295Kb / 2P
Miniature SMD Glass Passivated Bridge Rectifiers
MB206L SECOS-MB206L Datasheet
334Kb / 3P
Miniature SMD Glass Passivated Bridge Rectifiers
MB08M SECOS-MB08M_15 Datasheet
188Kb / 2P
Miniature SMD Glass Passivated Bridge Rectifiers
MB10M SECOS-MB10M_15 Datasheet
145Kb / 2P
Miniature SMD Glass Passivated Bridge Rectifiers
MB105 SECOS-MB105_15 Datasheet
213Kb / 2P
Miniature SMD Glass Passivated Bridge Rectifiers
MB205L SECOS-MB205L_15 Datasheet
295Kb / 2P
Miniature SMD Glass Passivated Bridge Rectifiers
MB206L SECOS-MB206L_15 Datasheet
276Kb / 3P
Miniature SMD Glass Passivated Bridge Rectifiers
MBS104 SECOS-MBS104_15 Datasheet
284Kb / 2P
Miniature SMD Glass Schottky Bridge Rectifiers
MB08M SECOS-MB08M Datasheet
188Kb / 2P
1000V 0.8 Amp Miniature SMD Glass Passivated Bridge Rectifiers
MB10M SECOS-MB10M Datasheet
145Kb / 2P
1000V 1.0 Amp Miniature SMD Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com