Electronic Components Datasheet Search
  English  ▼

X  

CS200 Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # CS200
Description  65nm CMOS Standard Cell
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS200 Datasheet(HTML) 1 Page - fujitsu semiconductor

  CS200 Datasheet HTML 1Page - fujitsu semiconductor CS200 Datasheet HTML 2Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
65nm CMOS Standard Cell
CS200 ASIC Series
Description
STD-Tr
k
STD-Tr
HS-Tr
HV-Tr
Mo
C
UHS-Tr
High
Performance
Lineup CS200
High Performance
Lineup CS200HP
Low Power
Lineup
CS200A
Low Power
Lineup
CS200LL
UHS: Ultra High Speed, HS: High Speed
STD: Standard, LL: Low Leakage
Speed
Fast
D-
D-
D-
HS-Tr
STD-Tr
HV-Tr
High End Server
Digital Consumer
Cellular Phone
Mobile
Computing
Server/
Network
UHS-Tr
HS-Tr
STD-Tr
LL-Tr
Features
• High integration
–Transistor of 30–50nm gate length (ITRS road map 65nm)
– 12-layer fine pitch, copper wiring, and low-K insulating
material techniques
– Maximum 180 million gates, nearly twice that of 90nm
technology
– 50% reduction in SRAM cell size
– 30% increase in performance over 90nm
•Low power consumption/low leakage current
• I/O with pad structure with fine pad pitch technology for chip
size reduction
• High-speed library and low-power library available
– High speed: CS200HP
–Low leak: CS200L
• Higher performance, gate propagation delay tpd = 4.4ps
(@1.2V, inverter, and F/O = 1, CS200HP)
• Compiled memory macros: 1T and 6T SRAMs, and ROM
•Application specific IPs
– Computational cores: ARM7, 9, 11, Communication and
Digital-AV DSP
– Mixed signals: Wide range of ADCs and DACs
– HSIF logics: PCI-Express, XAUI, SATA, DDR, USB, HDMI
• High-speed interface SerDes macros (~10Gbps data rate)
•Wide range of PLLs: standard to high-speed 1.6GHz
• Standard I/Os: LVTTL, SSTL, HSTL, LVDS, P-CML
•Wide supply voltage (0.80V to 1.30V for core)
•Triple Vth Transistor options
•Various packages available (QFP, FBGA, EBGA, PBGA,
FC-BGA)
• Design methodology and support
– Methodology in place to support multi-million-gates
hierarchical designs
–Excellent design center support at Sunnyvale and Dallas
–Worldwide service organizations for global support
CS200 Series, 65nm standard cells CMOS process technology,
addresses the design challenges of the PDA and mobile computing
market in low power and multi-functionality. It also addresses
the need of ultra high performance design in leading-edge
networking, server computing, and in complex telecom
equipment applications. 65nm technology is available in 300mm
fabrication and supports high volume wafer capacity in multiple
manufacturing locations.


Similar Part No. - CS200

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
CS200 FUJITSU-CS200 Datasheet
603Kb / 2P
65nm CMOS Technology
logo
Cirrus Logic
CS2000 CIRRUS-CS2000 Datasheet
980Kb / 1P
New Clocking Family Offers System Flexibility, Lower Cost, and Easier System Design
CS2000-CP CIRRUS-CS2000-CP Datasheet
447Kb / 36P
Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-CP CIRRUS-CS2000-CP Datasheet
301Kb / 36P
Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-CP CIRRUS-CS2000-CP Datasheet
1Mb / 37P
Fractional-N Clock Synthesizer & Clock Multiplier
More results

Similar Description - CS200

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
CS200 FUJITSU-CS200 Datasheet
603Kb / 2P
65nm CMOS Technology
CS101 FUJITSU-CS101 Datasheet
102Kb / 8P
Standard Cell
CS81 FUJITSU-CS81 Datasheet
75Kb / 12P
Semicustom CMOS Standard cell
CS201 FUJITSU-CS201 Datasheet
70Kb / 9P
Semicustom CMOS Standard Cell
CS101 FUJITSU-CS101_07 Datasheet
88Kb / 12P
Standard Cell
logo
Micron Technology
PC28F128J3F75A MICRON-PC28F128J3F75A Datasheet
2Mb / 66P
Numonyx짰 Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
RC28F128J3F75A MICRON-RC28F128J3F75A Datasheet
2Mb / 66P
Numonyx짰 Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
logo
Rohm
BD49K24G-TL ROHM-BD49K24G-TL Datasheet
507Kb / 18P
Standard CMOS Standard CMOS
logo
fujitsu semiconductor
CS91 FUJITSU-CS91 Datasheet
106Kb / 9P
Standard cell array
logo
Numonyx B.V
JS28F320J3F75 NUMONYX-JS28F320J3F75 Datasheet
776Kb / 67P
Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
Jan 2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com